Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N43 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # 1N43
Description  1N43 1N7 SERIES ZENER DIODES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

1N43 Datasheet(HTML) 1 Page - Leshan Radio Company

  1N43 Datasheet HTML 1Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LESHAN RADIO COMPANY, LTD.
4B–1/1
1N43 1N7
1N43 1N7 SERIES ZENER DIODES
1N43 1N7 SERIES
ZENER DIODES
TYPE
Nominal
Zener
Voltage
Vz@LZT
Volts
T A = 25°C
IR @VR=1V
µA
Test
Current
I ZT
mA
Max Reverse
Leakage Current
Package
Dimensions
(T A=25°C unless otherwise noted) VFMAX=1.2V @ I F =200mA for all types.
VFMAX =1.2V @ I F =200mA.
1N4370A
1N4371A
1N4372A
1N746A
1N747A
1N748A
1N749A
1N750A
1N751A
1N752A
1N753A
1N754A
1N755A
1N756A
1N757A
1N758A
1N759A
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
12
20
20
20
30
30
29
28
24
23
22
19
17
11
7
5
6
8
10
17
30
150
135
120
110
100
95
85
75
70
65
60
55
50
45
40
35
30
100
75
50
10
10
10
2.0
2.0
1.0
1.0
0.1
0.1
0.1
200
150
100
30
30
30
30
30
20
20
20
20
20
Max Zener
Impedance
Z ZT @ IZT
Ohms
Maximun
DC Zener
Current
mA
T A = 150°C
IR @VR=1V
µA
DO-35
(mm)
NOTE: The VZ value shown is the center value with tolerance
designations as follows:
suffix B: VZ ± 5%
suffix C: VZ ± 2%
suffix D: VZ ± 1%
Vz
B
Vz
± 5%
C
Vz
± 2%
D
Vz
± 1%


Similar Part No. - 1N43

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N4300 NJSEMI-1N4300 Datasheet
151Kb / 1P
   DO-41
1N4301 NJSEMI-1N4301 Datasheet
151Kb / 1P
   DO-41
1N4302 NJSEMI-1N4302 Datasheet
151Kb / 1P
   DO-41
1N4303 NJSEMI-1N4303 Datasheet
151Kb / 1P
   DO-41
1N4304 NJSEMI-1N4304 Datasheet
151Kb / 1P
   DO-41
More results

Similar Description - 1N43

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Panasonic Semiconductor
DZ2W03900L PANASONIC-DZ2W03900L Datasheet
609Kb / 2P
   NEW Zener Diodes Series 1W/2W Zener Diodes Series
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Leshan Radio Company
1N992A LRC-1N992A Datasheet
33Kb / 1P
   1N9 SERIES ZENER DIODES
logo
RFE international
BZX55C2V0 RFE-BZX55C2V0 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Leshan Radio Company
MTZJ LRC-MTZJ Datasheet
34Kb / 2P
   MTZJ SERIES ZENER DIODES
logo
RFE international
1N5913B RFE-1N5913B Datasheet
808Kb / 5P
   Zener Diodes 1N59 Series
AUG-04-2023
1N533B RFE-1N533B Datasheet
2Mb / 5P
   Zener Diodes 1N53 Series
06-06-2022
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com