Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3370 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3370
Description  4-Channel 8A Configurable Buck DC/DCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3370 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3370_15 Datasheet HTML 2Page - Linear Technology LTC3370_15 Datasheet HTML 3Page - Linear Technology LTC3370_15 Datasheet HTML 4Page - Linear Technology LTC3370_15 Datasheet HTML 5Page - Linear Technology LTC3370_15 Datasheet HTML 6Page - Linear Technology LTC3370_15 Datasheet HTML 7Page - Linear Technology LTC3370_15 Datasheet HTML 8Page - Linear Technology LTC3370_15 Datasheet HTML 9Page - Linear Technology LTC3370_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC3370
6
3370f
For more information www.linear.com/LTC3370
Typical perForMance characTerisTics
Buck VIN Undervoltage Threshold
vs Temperature
VCC Supply Current vs
Temperature
VCC Supply Current vs
Temperature
RT Programmed Oscillator
Frequency vs Temperature
Default Oscillator Frequency vs
Temperature
Buck Efficiency vs ILOAD
Buck Power Loss vs ILOAD
VCC Undervoltage Threshold vs
Temperature
Oscillator Frequency vs VCC
TA = 25°C, unless otherwise noted.
LOAD CURRENT (mA)
3370 G01
100
90
80
40
30
20
10
70
50
60
0
1
1000
100
10
Burst Mode OPERATION
VIN = 3.3V
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
1A BUCK
2A BUCK
3A BUCK
4A BUCK
3000
2500
1000
500
2000
1500
0
1
1000
100
10
Burst Mode OPERATION
VIN = 3.3V
VOUT = 1.8V
fOSC = 2MHz
L = 2.2µH
3370 G02
1A BUCK
2A BUCK
3A BUCK
4A BUCK
LOAD CURRENT (mA)
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
2.30
2.35
2.40
2.45
2.50
2.55
2.60
2.65
2.70
3370 G03
VCC RISING
VCC FALLING
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
3370 G04
VIN RISING
VIN FALLING
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
3371 G07
VCC = 2.7V
VCC = 3.3V
VCC = 5.5V
RT = 400k
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
1.80
1.85
1.90
1.95
2.00
2.05
2.10
2.15
2.20
3370 G08
VCC = 2.7V
VCC = 3.3V
VCC = 5.5V
VRT = VCC
VCC (V)
2.7
2.20
2.15
2.00
1.90
2.10
2.05
1.95
1.85
1.80
3.9
5.1
3.5
4.7
3370 G09
5.5
3.1
4.3
VRT = VCC
RT = 400k
AT LEAST ONE BUCK ENABLED
PLL/MODE = 0V
FB = 850mV
VCC = 2.7V
VCC = 3.3V
VCC = 5.5V
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
0
25
50
75
100
125
3370 G05
AT LEAST ONE BUCK ENABLED
PLL/MODE = 2MHz
TEMPERATURE (°C)
–55 –25
5
35
65
95
125 155
0
40
80
120
160
200
240
280
320
360
400
3370 G06
VCC = 2.7V
VCC = 3.3V
VCC = 5.5V


Similar Part No. - LTC3370_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
   4-Channel 8A Configurable Buck DC/DCs
More results

Similar Description - LTC3370_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
   4-Channel 8A Configurable Buck DC/DCs
LTC3370 LINER-LTC3370 Datasheet
796Kb / 24P
   4-Channel 8A Configurable Buck DC/DCs
LTC3372 LINER-LTC3372 Datasheet
5Mb / 44P
   60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
LTC3371 LINER-LTC3371_15 Datasheet
1Mb / 26P
   4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3371 LINER-LTC3371 Datasheet
1Mb / 26P
   4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3374 LINER-LTC3374_15 Datasheet
379Kb / 26P
   8-Channel Parallelable 1A Buck DC/DCs
LTC3374 LINER-LTC3374 Datasheet
345Kb / 24P
   8-Channel Parallelable 1A Buck DC/DCs
LTC3375 LINER-LTC3375_15 Datasheet
510Kb / 36P
   8-Channel Programmable, Parallelable 1A Buck DC/DCs
LTC3375EUK LINER-LTC3375EUK Datasheet
748Kb / 14P
   8-Channel Programmable, Parallelable, 1A Buck DC/DCs
LTC3375 LINER-LTC3375 Datasheet
476Kb / 36P
   8-Channel Programmable, Parallelable 1A Buck DC/DCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com