Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3124 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3124
Description  15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3124 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3124_15 Datasheet HTML 6Page - Linear Technology LTC3124_15 Datasheet HTML 7Page - Linear Technology LTC3124_15 Datasheet HTML 8Page - Linear Technology LTC3124_15 Datasheet HTML 9Page - Linear Technology LTC3124_15 Datasheet HTML 10Page - Linear Technology LTC3124_15 Datasheet HTML 11Page - Linear Technology LTC3124_15 Datasheet HTML 12Page - Linear Technology LTC3124_15 Datasheet HTML 13Page - Linear Technology LTC3124_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC3124
10
3124f
For more information www.linear.com/LTC3124
OPERATION
TheLTC3124isadual-phase,adjustablefrequency(100kHz
to 3MHz) synchronous boost converter housed in either a
16-lead5mm
×3mmDFNorathermally-enhancedTSSOP
package. The LTC3124 offers the unique ability to start up
from inputs as low as 1.8V and continue to operate from
inputs as low as 0.5V, for output voltages greater than
2.5V. The device also features fixed frequency, current
mode PWM control for exceptional line and load regula-
tion. The current mode architecture with adaptive slope
compensation provides excellent load transient response
and requires minimal output filtering. An internal 10ms
soft-start limits inrush current during start-up and simpli-
fies the design process while minimizing the number of
external components.
WithitslowRDS(ON)andlowgatechargeinternalN-channel
MOSFET switches and P-channel MOSFET synchronous
rectifiers, the LTC3124 achieves high efficiency over a
wide range of load current. High efficiency is achieved at
light loads by utilizing Burst Mode operation. Operation
can be best understood by referring to the Block Diagram.
MULTIPHASE OPERATION
The LTC3124 uses a dual-phase architecture, rather than
the conventional single phase of other boost converters.
By having two phases equally spaced 180° apart, not only
is the output ripple frequency increased by a factor of
two, but the output capacitor ripple current is significantly
reduced. Although this architecture requires two induc-
tors, rather than a single inductor, there are a number of
important advantages.
• Substantially lower peak inductor current allows the
use of smaller, lower cost inductors.
• Significantly reduced output ripple current minimizes
output capacitance requirement.
• Higher frequency output ripple is easier to filter for low
noise applications.
• Input ripple current is also reduced for lower noise on
VIN.
Figure 1. Comparison of Output Ripple Current with Single Phase
and Dual Phase Boost Converter in a 1.5A Load Application
Operating at 50% Duty Cycle
The peak inductor current, reduced nearly by a factor of
2 when compared to a single phase step-up converter,
is given by:
ILPEAK
1
2
IO
(1–D)
+ ∆
IL
2
1
where IO is the average load current, D is the PWM duty
cycle, and
∆IL is the inductor ripple current. This relation-
ship is shown graphically in Figure 1.
With 2-phase operation, one of the phases is always de-
livering current to the load whenever VIN is greater than
one-half VOUT (duty cycles less than 50%). As the duty
cycle decreases further, load current delivery between the
two phases begins to overlap, occurring simultaneously
for a growing portion of each phase as the duty cycle ap-
proaches zero. This significantly reduces both the output
ripple current and the peak current in each inductor, when
comparedwithasingle-phaseconverter.Thisisillustrated
in the waveforms of Figures 2 and 3.
TIME (µs)
0
3.5
3.0
2.0
1.0
2.5
1.5
0.5
0
1.0
3124 F01
1.5
0.5
SINGLE PHASE
DUAL
PHASE


Similar Part No. - LTC3124_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3124 LINER-LTC3124 Datasheet
650Kb / 28P
   15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
logo
Analog Devices
LTC3124 AD-LTC3124 Datasheet
2Mb / 36P
   26V, 9A Low-IQ CC/CV Monolithic Buck-Boost Converter
05/21 Rev. 0
More results

Similar Description - LTC3124_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3124 LINER-LTC3124 Datasheet
650Kb / 28P
   15V, 5A 2-Phase Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3121 LINER-LTC3121 Datasheet
955Kb / 26P
   15V, 1.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122_15 Datasheet
505Kb / 26P
   15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3122 LINER-LTC3122 Datasheet
505Kb / 26P
   15V, 2.5A Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458 LINER-LTC3458 Datasheet
339Kb / 16P
   1.4A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L Datasheet
389Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525L-3 LINER-LTC3525L-3_15 Datasheet
508Kb / 12P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-5 LINER-LTC3525-5_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3458L LINER-LTC3458L_15 Datasheet
381Kb / 16P
   1.7A, 1.5MHz Synchronous Step-Up DC/DC Converter with Output Disconnect
LTC3525-3.3 LINER-LTC3525-3.3_15 Datasheet
538Kb / 16P
   400mA Micropower Synchronous Step-Up DC/DC Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com