Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DXT2222A Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DXT2222A
Description  40V NPN SURFACE MOUNT TRANSISTOR IN SOT89
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT2222A Datasheet(HTML) 5 Page - Diodes Incorporated

  DXT2222A_15 Datasheet HTML 1Page - Diodes Incorporated DXT2222A_15 Datasheet HTML 2Page - Diodes Incorporated DXT2222A_15 Datasheet HTML 3Page - Diodes Incorporated DXT2222A_15 Datasheet HTML 4Page - Diodes Incorporated DXT2222A_15 Datasheet HTML 5Page - Diodes Incorporated DXT2222A_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DXT2222A
Document number: DS31156 Rev. 4 - 2
5 of 6
www.diodes.com
December 2014
© Diodes Incorporated
DXT2222A
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
H1
E
H
D1
B
e
c
L
A
D
8° (4X
)
D2
E2
z
L1
R0.2
00
B1
SOT89
Dim
Min
Max
Typ
A
1.40
 1.60
1.50
B
0.50
0.62
0.56
B1
0.42
0.54
0.48
c
0.35
0.43
0.38
D
4.40
4.60
4.50
D1
1.62
1.83
1.733
D2
1.61
1.81
1.71
E
2.40
2.60
2.50
E2
2.05
2.35
2.20
e
-
-
1.50
H
3.95
4.25
4.10
H1
2.63
2.93
2.78
L
0.90
1.20
1.05
L1
0.427 REF
Z
0.30 REF
All Dimensions in mm
Dimensions
Value
(in mm)
C
1.500
G
0.244
X
0.580
X1
0.760
X2
1.933
Y
1.730
Y1
3.030
Y2
1.500
Y3
0.770
Y4
4.530
Y4
X2
Y1
X
Y
Y2
Y3
G
C
X1


Similar Part No. - DXT2222A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DXT2222A-13 DIODES-DXT2222A-13 Datasheet
242Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results

Similar Description - DXT2222A_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DB1188P DIODES-2DB1188P_11 Datasheet
151Kb / 6P
   40V PNP SURFACE MOUNT TRANSISTOR IN SOT89
DXT3904 DIODES-DXT3904_15 Datasheet
392Kb / 6P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT89
ZXTN25040DZ DIODES-ZXTN25040DZ Datasheet
766Kb / 8P
   40V, SOT89, NPN medium power transistor
FCX491A DIODES-FCX491A Datasheet
342Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
ZXTN25040DZ ZETEX-ZXTN25040DZ Datasheet
758Kb / 8P
   40V, SOT89, NPN medium power transistor
logo
Diodes Incorporated
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
MMBT3904LP DIODES-MMBT3904LP Datasheet
166Kb / 5P
   40V NPN SURFACE MOUNT TRANSISTOR
2DD1664P DIODES-2DD1664P_15 Datasheet
220Kb / 6P
   32V NPN SUFACE MOUNT TRANSISTOR IN SOT89
ZXTP25040DZ DIODES-ZXTP25040DZ Datasheet
392Kb / 8P
   40V PNP medium power transistor in SOT89
DST3904DJ DIODES-DST3904DJ Datasheet
131Kb / 6P
   40V DUAL NPN SURFACE MOUNT TRANSISTOR
DS32038 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com