Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6105 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6105
Description  Precision, Extended Input Range Current Sense Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6105 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6105_15 Datasheet HTML 7Page - Linear Technology LT6105_15 Datasheet HTML 8Page - Linear Technology LT6105_15 Datasheet HTML 9Page - Linear Technology LT6105_15 Datasheet HTML 10Page - Linear Technology LT6105_15 Datasheet HTML 11Page - Linear Technology LT6105_15 Datasheet HTML 12Page - Linear Technology LT6105_15 Datasheet HTML 13Page - Linear Technology LT6105_15 Datasheet HTML 14Page - Linear Technology LT6105_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT6105
11
6105fa
PIN FUNCTIONS
–IN (Pin 1/Pin 1): Negative Sense Input Terminal.
Negative sense voltage input will remain functional for
voltages up to 44V, referred to V. Connect –IN to an
external gain-setting resistor RIN1 (RIN1 = RIN2) to set
the gain.
V+ (Pin 2/Pin 2):
Power Supply Voltage. This pin supplies
current to the amplifier and can operate from 2.85V to 36V,
independent of the voltages on the –IN or +IN pins.
V(Pin 3/Pin 4):
Negative Power Supply Voltage or Ground
for Single Supply Operation.
VOUT (Pin 4/Pin 5): Voltage Output:
VOUT = AV • (VSENSE ± VOS)
VOS is the input offset voltage. AV is the gain set by exter-
nal RIN1, RIN2, ROUT. AV = ROUT/RIN1, for RIN1 = RIN2.
NC (Pin 5/Pins 3, 6, 7): Not Connected Internally.
+IN (Pin 6/Pin 8): Positive Sense Input Terminal.
Connecting a source to VS+ and a load to VS– will allow the
LT6105 to monitor the current through RSENSE, refer to
Figure 1. Connect +IN to an external gain-setting resistor
RIN2 to set the gain. +IN remains functional for voltages
up to 44V, referred to V.
Exposed Pad (Pin 7) DFN Only: V. The Exposed Pad is
connected to the Vpin. It should be connected to the
Vtrace of the PCB, or left floating.
(DCB/MS8)
BLOCK DIAGRAM
ROUT
VSENSE
RSENSE
RIN2
RIN1
VS+
VS–
LT6105
TO LOAD
SOURCE
0V TO 44V
VOUT = VSENSE
ROUT
RIN2
VOUT = VSENSE
WHERE RIN = RIN1 = RIN2
ROUT
RIN
AV =
ROUT
RIN
VOUT
V+
–IN
+IN
V
SET RIN1 = RIN2 FOR BEST ACCURACY
IF RIN1 ≠ RIN2, THEN
RIN1, RIN2, ROUT ARE EXTERNAL RESISTORS
V(–IN) > 1.6V:
VOUT = VSENSE
ROUT
RIN1
V(–IN) < 1.6V:
6105 F01
+
+
A1
Q2
Q3
Q1
A2
Figure 1. Simplified Block Diagram


Similar Part No. - LT6105_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6105CDCB-TRMPBF LINER-LT6105CDCB-TRMPBF Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
LT6105CDCB-TRPBF LINER-LT6105CDCB-TRPBF Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
logo
Linear Integrated Syste...
LT6105CMS8 LINEAR-LT6105CMS8 Datasheet
33Kb / 1P
   Uni-Dir. Rail-to-Rail Current Sense AMP
logo
Linear Technology
LT6105CMS8-PBF LINER-LT6105CMS8-PBF Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
LT6105CMS8-TRPBF LINER-LT6105CMS8-TRPBF Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
More results

Similar Description - LT6105_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6105 LINER-LT6105 Datasheet
377Kb / 20P
   Precision, Extended Input Range Current Sense Amplifi er
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX9918 MAXIM-MAX9918 Datasheet
2Mb / 17P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 0; 11/09
MAX9918 MAXIM-MAX9918_10 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 2; 12/10
MAX9918 MAXIM-MAX9918_11 Datasheet
2Mb / 18P
   -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
Rev 3; 6/11
logo
Monolithic Power System...
EV8110DS-00A MPS-EV8110DS-00A Datasheet
153Kb / 4P
   Precision High-Side Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com