Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1689A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1689A
Description  SAW Filter 881.5MHz 25MHz BW SMD 1.4X1.1 mm
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1689A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1689A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1689A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1689A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1689A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1689A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1689A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1689A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1689A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1689A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
5
TST DCC
Release document
Smith Chart


Similar Part No. - TA1689A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1680A TAI-SAW-TA1680A Datasheet
166Kb / 7P
   SAW Filter 1232 MHz
logo
Transko Electronics, In...
TA1680BP TRANSKO-TA1680BP Datasheet
370Kb / 4P
   Wireless, RF SAW Filter
Revision 0: March 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TA1683A TAI-SAW-TA1683A Datasheet
368Kb / 7P
   SAW Filter 2530 MHz 20MHz BW SMD 3.0x3.0 mm
logo
Golledge Electronics Lt...
TA1683A GOLLEDGE-TA1683A Datasheet
309Kb / 6P
   SAW Filter 2530.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1684A TAI-SAW-TA1684A Datasheet
368Kb / 7P
   SAW Filter 2650 MHz 20MHz BW SMD 3.0x3.0 mm
More results

Similar Description - TA1689A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1690A TAI-SAW-TA1690A Datasheet
235Kb / 9P
   SAW Filter 881.5MHz 25MHz BW SMD 1.1X0.9 mm
TA1692A TAI-SAW-TA1692A Datasheet
222Kb / 8P
   SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
TA2081A TAI-SAW-TA2081A Datasheet
437Kb / 8P
   SAW Filter 652.5MHz SMD 1.4X1.1 mm (BW=25MHz)
TA2084A TAI-SAW-TA2084A Datasheet
442Kb / 8P
   SAW Filter 777.5MHz SMD 1.4X1.1 mm (BW=25MHz)
TA2082A TAI-SAW-TA2082A Datasheet
441Kb / 8P
   SAW Filter 752.5MHz SMD 1.4X1.1 mm (BW=25MHz)
TA2083A TAI-SAW-TA2083A Datasheet
441Kb / 8P
   SAW Filter 677.5MHz SMD 1.4X1.1 mm (BW=25MHz)
TA1691A TAI-SAW-TA1691A Datasheet
223Kb / 8P
   SAW Filter 836.5MHz 25MHz BW SMD 1.4X1.1 mm
TA2629A TAI-SAW-TA2629A Datasheet
755Kb / 8P
   SAW Filter 836.5 MHz (BW 25MHz) SMD 1.4X1.1 mm
TF0089A TAI-SAW-TF0089A Datasheet
350Kb / 13P
   Duplexer 836.5/881.5MHz 25MHz BW SMD 2.0횞1.6 mm
TA1811D TAI-SAW-TA1811D Datasheet
414Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com