Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ952-1C-12DE Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ952-1C-12DE
Description  SUBMINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ952-1C-12DE Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ952-1C-12DE Datasheet HTML 1Page - ZETTLER Electronics AZ952-1C-12DE Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SENSITIVE RELAYS — Light Duty Type
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
Ohm ± 10%
5
3.75
8.5
120
AZ951–1C–5DSE
AZ952–1C–5DSE
6
4.50
10.4
180
AZ951–1C–6DSE
AZ952–1C–6DSE
9
6.75
15.3
400
AZ951–1C–9DSE
AZ952–1C–9DSE
12
9.00
20.5
700
AZ951–1C–12DSE
AZ952–1C–12DSE
24
18.00
41.0
2,800
AZ951–1C–24DSE
AZ952–1C–24DSE
STANDARD RELAYS — Heavy Duty Type
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
Ohm ± 10%
5
3.75
6.7
56
AZ951–1CH–5DE
AZ952–1CH–5DE
6
4.50
8.0
80
AZ951–1CH–6DE
AZ952–1CH–6DE
12
9.00
16.0
320
AZ951–1CH–12DE
AZ952–1CH–12DE
24
18.00
32.0
1,280
AZ951–1CH–24DE
AZ952–1CH–24DE
STANDARD RELAYS — Medium Duty Type
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
Ohm ± 10%
5
3.75
6.7
56
AZ951–1CM–5DE
AZ952–1CM–5DE
6
4.50
8.0
80
AZ951–1CM–6DE
AZ952–1CM–6DE
12
9.00
16.0
320
AZ951–1CM–12DE
AZ952–1CM–12DE
18
13.50
19.8
720
AZ951–1CM–18DE
AZ952–1CM–18DE
24
18.00
32.0
1,280
AZ951–1CM–24DE
AZ952–1CM–24DE
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
AZ951/AZ952
RELAY ORDERING DATA
STANDARD RELAYS — Light Duty Type
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
Ohm ± 10%
5
3.75
6.7
56
AZ951–1C–5DE
AZ952–1C–5DE
6
4.50
8.0
80
AZ951–1C–6DE
AZ952–1C–6DE
12
9.00
16.0
320
AZ951–1C–12DE
AZ952–1C–12DE
24
18.00
32.0
1,280
AZ951–1C–24DE
AZ952–1C–24DE
[1.52]
.060
[ø1.0]
5x ø.039±.005
AZ951 PC BOARD LAYOUT
[1.56]
[7.62]
.300
[11.81]
.465
[3.18]
.125
[15.75]
.620
.062
[10.16]
.400
[2.54]
.100
VIEWED TOWARD TERMINALS
AZ951 WIRING DIAGRAM
VIEWED TOWARD TERMINALS
AZ952 WIRING DIAGRAM
VIEWED TOWARD TERMINALS
7
1
2
11
12
[2.54]
VIEWED TOWARD TERMINALS
2
11
6
7
[1.52]
.060
[ø1.0]
6x ø.039±.005
[7.62]
.300
[1.56]
AZ952 PC BOARD LAYOUT
1
12
[2.54]
.100
.060
[1.52]
[7.62]
[10.75]
.300
.423
.062
[10.16]
.400
.100
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
MECHANICAL DATA
2014-06-26


Similar Part No. - AZ952-1C-12DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ952-1C-12DE ETC-AZ952-1C-12DE Datasheet
99Kb / 3P
   SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ952-1C-12DE AZETTLER-AZ952-1C-12DE Datasheet
128Kb / 3P
   SUBMINIATURE POWER RELAY
More results

Similar Description - AZ952-1C-12DE

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
85Kb / 4P
   SUBMINIATURE POWER RELAY
HF41F HONGFA-HF41F Datasheet
79Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
HG4231 ETC-HG4231 Datasheet
116Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
DB Lectro Inc
HG4232 DBLECTRO-HG4232 Datasheet
60Kb / 2P
   Subminiature PCB Power Relay Automotive Subminiature PCB Power Relay
logo
Hongfa Technology
HF7520 HONGFA-HF7520 Datasheet
88Kb / 4P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ951 ETC-AZ951 Datasheet
99Kb / 3P
   SUBMINIATURE POWER RELAY
HF8 ETC1-HF8 Datasheet
98Kb / 2P
   SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ951 AZETTLER-AZ951 Datasheet
128Kb / 3P
   SUBMINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ954 ETC-AZ954 Datasheet
51Kb / 2P
   SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ954 ZETTLER-AZ954 Datasheet
47Kb / 2P
   SUBMINIATURE POWER RELAY
logo
Hongfa Technology
HF41FI HONGFA-HF41FI Datasheet
179Kb / 6P
   SUBMINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com