Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF48212QC25 Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # LF48212QC25
Description  12 x 12-bit Alpha Mixer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF48212QC25 Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  LF48212QC25 Datasheet HTML 1Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 2Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 3Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 4Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 5Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 6Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 7Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 8Page - LOGIC Devices Incorporated LF48212QC25 Datasheet HTML 9Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DEVICES INCORPORATED
Video Imaging Products
3
LF48212
12 x 12-bit Alpha Mixer
08/16/2000–LDS.48212-F
FUNCTIONAL DESCRIPTION
The two video signals to be mixed
together are input to the LF48212
using DINA11-0 and DINB11-0. Data
present on DINA11-0 and DINB11-0 is
latched on the rising edge of CLK.
The input data may be in either
unsigned or two’s complement
format, but both inputs must be in the
same format. TC determines the
format of the input data. When TC is
HIGH, the input data is in unsigned
format. When TC is LOW, the input
data is in two’s complement format.
TC is latched on the rising edge of
CLK and only affects the input data
latched in at the same time. The data
already in the pipeline is not affected
when TC changes.
DINA11-0 and DINB11-0 are mixed
together using an alpha mix factor
(
α11-0) as defined by the equation
listed in Figure 2.
α11-0 is unsigned
and restricted to the range of 0 to 1.0.
MIXEN controls the loading of alpha
mix data. When MIXEN is HIGH,
data present on
α11-0 is latched on the
rising edge of CLK. When MIXEN is
LOW, data present on
α11-0 is not
latched and the last value loaded is
held as the alpha mix value.
It is possible to add extra delay stages
to the input data and control signals
by using the programmable delay
stages. The 15-bit value (DELAY14-0)
stored in the Delay Control Register
determines the number of delay stages
added. DELAY14-0 is divided into 5
groups of 3-bits each. Each 3-bit
group contains the delay information
for one of the input data or control
signals. Figure 3 shows the block
diagram of the Delay Control Register
as well as a list of the input data and
control signals that may be delayed
and the DELAY signals that control
them. The delay length can be pro-
grammed to be from 0 to 7 stages. The
delay length is set by loading the
binary equivalent of the desired delay
length into the appropriate 3-bit
group. For example, to add four extra
delay stages to DINB11-0, DELAY5-3
should be set to “100”. DELAY14-0 is
loaded serially into the Delay Control
Register using DEL and LD. DELAY0
is the first value loaded and DELAY14
is the last. Data present on DEL is
latched on the rising edge of LD.
BYPASS is used to disable the pro-
grammable delay stages. When
BYPASS is HIGH, the Delay Control
Register is automatically loaded with
a “0”. This sets all programmable
delay stages to a length of zero. When
BYPASS is LOW, the Delay Control
Register may be loaded to set the
desired number of delay stages. Note
that BYPASS is not intended to change
during active operation of the
LF48212.
The Adjust stage of the LF48212 is
used to maximize the precision of the
output data. Since
α can never be
larger than 1.0, the most significant bit
of the internal summer output is not
needed. The Adjust stage takes the
output of the internal summer and left
shifts the data one bit position. This
removes the MSB of the internal
summer output and provides one
more bit of precision for the output
data.
The output data of the LF48212 may
be rounded to 8, 10, 12, or 13-bits.
RND1-0 determines how the output is
rounded (See Table 1). RND1-0 is
latched on the rising edge of CLK and
only affects the input data latched in
at the same time. The data already in
the pipeline is not affected when
RND1-0 changes.
FIGURE 3.
DELAY CONTROL REGISTER BLOCK DIAGRAM
DEL
LD
DQ
DQ
DQ
DELAY14
DELAY13
DELAY12
LD
LD
DQ
DQ
DQ
DELAY11
DELAY10
DELAY9
LD
LD
DQ
DQ
DQ
DELAY8
DELAY7
DELAY6
LD
LD
DQ
DQ
DQ
DELAY5
DELAY4
DELAY3
LD
LD
DQ
DQ
DQ
DELAY2
DELAY1
DELAY0
LD
LD
RND1-0 DELAY
TC DELAY
α11-0 DELAY
DINB11-0 DELAY
DINA11-0 DELAY
FIGURE 2.
OUTPUT EQUATION
OUTPUT =
α(DINA) + (1 – α)DINB


Similar Part No. - LF48212QC25

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
LF48-1A NEUTRIK-LF48-1A Datasheet
97Kb / 3P
   48 way Longframe B-Gauge Patch Panel, red front panel, extra rugged jack sockets which allow customized normalling
LF48-1D NEUTRIK-LF48-1D Datasheet
100Kb / 3P
   48 way Longframe B-Gauge Patch Panel, blue front panel, extra rugged jack sockets which allow customized normalling
LF48-1O NEUTRIK-LF48-1O Datasheet
89Kb / 3P
   48 way Longframe B-Gauge Patch Panel, black front panel, extra rugged jack sockets which allow customized normalling
LF48-1S NEUTRIK-LF48-1S Datasheet
169Kb / 3P
   48 way Longframe B-Gauge Patch Panel, silver front panel, extra rugged jack sockets which allow customized normalling
logo
LOGIC Devices Incorpora...
LF48410 LODEV-LF48410 Datasheet
302Kb / 15P
   1024 x 24-bit Video Histogrammer
More results

Similar Description - LF48212QC25

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF2249 LODEV-LF2249 Datasheet
70Kb / 8P
   12 x 12-bit Digital Mixer
logo
Fairchild Semiconductor
TMC2249A FAIRCHILD-TMC2249A Datasheet
138Kb / 18P
   Digital Mixer 12 x 12 Bit, 60 MHz
logo
LOGIC Devices Incorpora...
LMA1009 LODEV-LMA1009 Datasheet
189Kb / 7P
   12 x 12-bit Multiplier-Accumulator
LMU112 LODEV-LMU112 Datasheet
46Kb / 6P
   12 x 12-bit Parallel Multiplier
logo
Zarlink Semiconductor I...
PDSP16112 ZARLINK-PDSP16112 Datasheet
456Kb / 9P
   16 X 12 BIT COMPLEX MULTIPLIER
logo
LOGIC Devices Incorpora...
LF2250 LODEV-LF2250 Datasheet
369Kb / 15P
   12 x 10-bit Matrix Multiplier
logo
Texas Instruments
AFE58JD16 TI1-AFE58JD16 Datasheet
199Kb / 9P
[Old version datasheet]   12-Bit, 80-MSPS ADC and Passive CW Mixer
logo
Motorola, Inc
MCM62973A MOTOROLA-MCM62973A Datasheet
413Kb / 5P
   4K x 12 Bit Synchronous Static RAM
logo
OKI electronic componet...
MSM5412222 OKI-MSM5412222 Datasheet
170Kb / 15P
   262,214-Word x 12-Bit Field Memory
MSM5412222A OKI-MSM5412222A Datasheet
68Kb / 13P
   262,214-Word x 12-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com