Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V48MLA1210 Datasheet(PDF) 1 Page - Littelfuse

Part # V48MLA1210
Description  Multilayer Transient Voltage Surge Suppressors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V48MLA1210 Datasheet(HTML) 1 Page - Littelfuse

  V48MLA1210 Datasheet HTML 1Page - Littelfuse V48MLA1210 Datasheet HTML 2Page - Littelfuse V48MLA1210 Datasheet HTML 3Page - Littelfuse V48MLA1210 Datasheet HTML 4Page - Littelfuse V48MLA1210 Datasheet HTML 5Page - Littelfuse V48MLA1210 Datasheet HTML 6Page - Littelfuse V48MLA1210 Datasheet HTML 7Page - Littelfuse V48MLA1210 Datasheet HTML 8Page - Littelfuse V48MLA1210 Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Multilayer Transient Voltage Surge Suppressors
ML Varistor Series
Surface Mount Varistors
140
www .littelfuse .com
The ML Series family of Transient Voltage Surge Suppression devices is
based on the Littelfuse Multilayer fabrication technology. These compo-
nents are designed to suppress a variety of transient events, including
those specified in IEC 61000-4-2 or other standards used for Electromagnetic
Compliance (EMC). The ML Series is typically applied to protect integrated
circuits and other components at the circuit board level.
The wide operating voltage and energy range make the ML Series suit-
able for numerous applications on power supply, control and signal lines.
The ML Series is manufactured from semiconducting ceramics, and is
supplied in a leadless, surface mount package. The ML Series is compat-
ible with modern reflow and wave soldering procedures.
It can operate over a wider temperature range than zener diodes, and
has a much smaller footprint than plastic-housed components.
Littelfuse Inc. manufactures other Multilayer Series products. See the
MLE Series data sheet for ESD applications, MHS Series data sheet for
high-speed ESD applications, the MLN for multiline protection and the
AUML Series for automotive applications.
Features
• Leadless 0402, 0603, 0805, 1206 and 1210 Chip Sizes
• Multilayer Ceramic Construction Technology
•-55oC to +125oC Operating Temperature Range
• Operating Voltage Range VM(DC) = 5.5V to 120V
• Rated for Surge Current (8 x 20µs)
• Rated for Energy (10 x 1000µs)
• Inherent Bi-directional Clamping
• No Plastic or Epoxy Packaging Assures Better than 94V-0
Flammability Rating
• Standard Low Capacitance Types Available
Applications
• Suppression of Inductive Switching or Other Transient Events Such
as EFT and Surge Voltage at the Circuit Board Level
• ESD Protection for Components Sensitive to IEC 61000-4-2,
MIL-STD-883C Method 3015.7, and Other Industry Specifications
(See Also the MLE or MLN Series)
• Provides On-Board Transient Voltage Protection for ICs and Transistors
• Used to Help Achieve Electromagnetic Compliance of End Products
• Replace Larger Surface Mount TVS Zeners in
Many Applications
Next
Previous


Similar Part No. - V48MLA1210

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V48MLA1210H LITTELFUSE-V48MLA1210H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V48MLA1210LN LITTELFUSE-V48MLA1210LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V48MLA1210LN LITTELFUSE-V48MLA1210LN Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V48MLA1210LN LITTELFUSE-V48MLA1210LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V48MLA1210LN LITTELFUSE-V48MLA1210LN Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
More results

Similar Description - V48MLA1210

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72510T5250K062 EPCOS-B72510T5250K062 Datasheet
3Mb / 72P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72580V0110K062 EPCOS-B72580V0110K062_12 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
V18AUMLA1206 LITTELFUSE-V18AUMLA1206_06 Datasheet
1Mb / 9P
   Multilayer Transient Voltage Surge Suppressor
logo
AVX Corporation
VC120630D650DP AVX-VC120630D650DP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120631M650RP AVX-VC120631M650RP Datasheet
502Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150RP AVX-VC120605D150RP Datasheet
418Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC120605D150DP AVX-VC120605D150DP Datasheet
518Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VCH4AG100R8MATWA AVX-VCH4AG100R8MATWA Datasheet
235Kb / 2P
   AVX Multilayer Ceramic Transient Voltage Suppressors
VC080518C400DP AVX-VC080518C400DP Datasheet
206Kb / 10P
   AVX Multilayer Ceramic Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com