Electronic Components Datasheet Search |
|
LF3347QC12 Datasheet(PDF) 5 Page - LOGIC Devices Incorporated |
|
LF3347QC12 Datasheet(HTML) 5 Page - LOGIC Devices Incorporated |
5 / 10 page DEVICES INCORPORATED Video Imaging Products LF3347 High-Speed Image Filter with Coefficient RAM 08/16/2000–LDS.3347-G 5 Storage temperature ........................................................................................................... –65°C to +150°C Operating ambient temperature ........................................................................................... –55°C to +125°C VCC supply voltage with respect to ground ............................................................................ –0.5 V to +4.5V Input signal with respect to ground .......................................................................................... –0.5 V to 5.5 V Signal applied to high impedance output ................................................................................. –0.5 V to 5.5 V Output current into low outputs ............................................................................................................. 25 mA Latchup current ............................................................................................................................... > 400 mA ESD Classification (MIL-STD-883E METHOD 3015.7) ...................................................................... Class 3 MAXIMUM RATINGS Above which useful life may be impaired (Notes 1, 2, 3, 8) Symbol Parameter Test Condition Min Typ Max Unit VOH Output High Voltage VCC = Min., IOH = –4 mA 2.4 V VOL Output Low Voltage VCC = Min., IOL = 8.0 mA 0.4 V VIH Input High Voltage 2.0 VCC V VIL Input Low Voltage (Note 3) 0.0 0.8 V IIX Input Current Ground ≤ VIN ≤ VCC (Note 12) ±10 µA IOZ Output Leakage Current Ground ≤ VOUT ≤ VCC (Note 12) ±10 µA ICC1 VCC Current, Dynamic (Notes 5, 6) 150 mA ICC2 VCC Current, Quiescent (Note 7) 2mA CIN Input Capacitance TA = 25°C, f = 1 MHz 10 pF COUT Output Capacitance TA = 25°C, f = 1 MHz 10 pF ELECTRICAL CHARACTERISTICS Over Operating Conditions (Note 4) OPERATING CONDITIONS To meet specified electrical and switching characteristics Mode Temperature Range (Ambient) Supply Voltage Active Operation, Commercial 0°C to +70°C 3.00 V ≤ VCC ≤ 3.60 V Active Operation, Military –55°C to +125°C 3.00 V ≤ VCC ≤ 3.60 V |
Similar Part No. - LF3347QC12 |
|
Similar Description - LF3347QC12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |