Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LF3310QC15 Datasheet(PDF) 8 Page - LOGIC Devices Incorporated

Part # LF3310QC15
Description  Horizontal / Vertical Digital Image Filter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

LF3310QC15 Datasheet(HTML) 8 Page - LOGIC Devices Incorporated

Back Button LF3310QC15 Datasheet HTML 4Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 5Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 6Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 7Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 8Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 9Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 10Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 11Page - LOGIC Devices Incorporated LF3310QC15 Datasheet HTML 12Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
DEVICES INCORPORATED
LF3310
Horizontal / Vertical Digital Image Filter
8
Video Imaging Products
11/08/2001-LDS.3310-H
When the filter is configured for an
odd number of taps, the data which
will appear at the output of the last
I/D Register in the forward data path
on the next clock cycle is fed into the
first I/D Register in the reverse data
path. Bit 5 in Configuration Register
1 configures the filter for an even or
odd number of taps.
When interleaved data is fed through
the device and an even tap filter is
desired, the filter should be config-
ured for an even number of taps (Bit 5
of CR1 set to “0”) and the I/D Regis-
ter length should match the number
of data sets interleaved together.
When interleaved data is to be fed
through the device and an odd tap
filter is desired, the filter should be
set to Odd-Tap Interleave Mode. Bit 0
of Configuration Register 1 configures
the filter for Odd-Tap Interleave
Mode. When the filter is configured
for Odd-Tap Interleave Mode, data
from the next to last I/D Register in
the forward data path is fed into the
first I/D Register in the reverse data
path.
When the filter is configured for an
odd number of taps (interleaved or
non-interleaved modes), the filter is
structured such that the center data
value is aligned simultaneously at the
A and B inputs of the last ALU in the
forward data path. In order to
achieve the correct result, the user
must divide the coefficient by two.
Data Reversal
Data reversal circuitry is placed after
the multiplexer which routes data
from the forward data path to the
reverse data path (see Figure 10).
When decimating, the data stream
must be reversed in order for data to
be properly aligned at the inputs of
the ALUs. When data reversal is
enabled, the circuitry uses a pair of
LIFOs to reverse the order of the data
sent to the reverse data path. When
TXFR goes LOW, the LIFO sending
data to the reverse data path becomes
the LIFO receiving data from the
forward data path, and the LIFO
receiving data from the forward data
path becomes the LIFO sending data
to the reverse data path. The device
must see a HIGH to LOW transition
of TXFR in order to switch LIFOs. If
decimating by N, TXFR should go low
once every N clock cycles. When data
reversal is disabled, the circuitry
functions like an I/D Register. When
feeding interleaved data through the
filter, data reversal should be
disabled. Bit 6 of Configuration
Register 1 enables or disables data
reversal.
Horizontal Rounding
The horizontal filter output may be
rounded by adding the contents of
one of the sixteen horizontal round
registers to the horizontal filter output
FIGURE 10.
DATA REVERSAL
LIFO A
LIFO B
TXFR
FIGURE 11. HORIZONTAL AND VERTICAL ROUND/SELECT/LIMIT CIRCUITRY
32
24
4
HRSL3-0
32
24
4
VRSL3-0
RND
LIMIT
32
12
RND
LIMIT
32
12
12
12
VERTICAL RSL
HORIZONTAL RSL
DATA IN
32
DATA IN
32
DATA OUT
DATA OUT
5
5
SELECT
SELECT


Similar Part No. - LF3310QC15

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3312 LODEV-LF3312 Datasheet
940Kb / 33P
   12-Mbit Frame Buffer / FIFO
More results

Similar Description - LF3310QC15

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF3311 LODEV-LF3311 Datasheet
947Kb / 24P
   Horizontal / Vertical Digital Image Filter
LF3320 LODEV-LF3320 Datasheet
575Kb / 24P
   Horizontal Digital Image Filter
LF3321 LODEV-LF3321 Datasheet
1Mb / 28P
   Horizontal Digital Image Filter Improved Performance
LF3330 LODEV-LF3330 Datasheet
138Kb / 15P
   Vertical Digital Image Filter
LF3338 LODEV-LF3338 Datasheet
303Kb / 15P
   8-Bit Vertical Digital Image Filter
logo
Nippon Precision Circui...
SM5835AF NPC-SM5835AF Datasheet
528Kb / 16P
   2D Digital Image Filter
logo
NXP Semiconductors
SAA9069 PHILIPS-SAA9069 Datasheet
281Kb / 8P
   DIGITAL VERTICAL FILTER(DVF)
January 1988
logo
ON Semiconductor
MT9M034 ONSEMI-MT9M034 Datasheet
1Mb / 56P
   Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M114 ONSEMI-MT9M114 Datasheet
1Mb / 66P
   Digital Image Sensor
Rev. J Pub. 4/15 EN
AS0260 ONSEMI-AS0260 Datasheet
1Mb / 83P
   Digital Image Sensor
Rev. G Pub. 5/15 EN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com