Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ942H-1C-9DT Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ942H-1C-9DT
Description  16 AMP MINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ942H-1C-9DT Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ942H-1C-9DT Datasheet HTML 1Page - ZETTLER Electronics AZ942H-1C-9DT Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2015-06-17
AZ942H
IEEE STANDARD 587-1980 (ANSI/IEEE C62.41-1980)
SURGE VOLTAGE WITHSTAND RATING
Test
Rating
Description
1.2 x 50 usec positive pulse
6 kV
Contact to coil – 5 pulses
1.2 X 50 usec negative pulse
6 kV
Contact to coil – 5 pulses
0.5 us 100 kHz ring wave
6 kV
Contact to coil - 5 waves
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
.085
[2.15]
5 x
ø .051
[
ø 1.3]
.64
[16.3]
.87
[22.0]
[6.0]
.078
[2.0]
FORM C
[12.2]
.480
.472
[12.0]
4 x .036
[0.9]
.016
[0.4]
.236
.040
[1.0]
.138
[3.5]
.65
[16.5]
4 x .020
[0.5]
.016
[0.4]
FORM A
PC BOARD LAYOUT
WIRING DIAGRAMS
VIEWED TOWARDS TERMINALS
VIEWED TOWARDS TERMINALS
.082
[2.1]
RELAY ORDERING DATA
STANDARD RELAYS
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Form A
Form C
VDC
VDC
VDC
Ohm ± 10%
(SPST-N.O.)
(SPDT)
3
2.4
6.5
25
AZ942H–1A–3DT(H)
AZ942H–1C–3DT(H)
5
4.0
11.0
70
AZ942H–1A–5DT(H)
AZ942H–1C–5DT(H)
6
4.8
13.0
100
AZ942H–1A–6DT(H)
AZ942H–1C–6DT(H)
9
7.2
20.0
225
AZ942H–1A–9DT(H)
AZ942H–1C–9DT(H)
12
9.6
26.0
400
AZ942H–1A–12DT(H)
AZ942H–1C–12DT(H)
18
14.4
39.0
900
AZ942H–1A–18DT(H)
AZ942H–1C–18DT(H)
24
19.2
52.0
1,600
AZ942H–1A–24DT(H)
AZ942H–1C–24DT(H)
48
38.4
104.0
6,200
AZ942H–1A–48DT(H)
AZ942H–1C–48DT(H)
* Substitute “DET(H)” in place of “DT(H)” for epoxy sealed versions. To indicate Class F version, add suffix “F” before “(H)”.
Please notice: Additional letter “H” at the end of order number for PTI/CTI 250 version will be changed to “(H)” for all relays produced after 2011-04-26.


Similar Part No. - AZ942H-1C-9DT

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ942H-1C-9DTH ZETTLER-AZ942H-1C-9DTH Datasheet
52Kb / 2P
   12 AMP MINIATURE MINIATURE
More results

Similar Description - AZ942H-1C-9DT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
2-1415031-1 MACOM-2-1415031-1 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
logo
List of Unclassifed Man...
AZ942 ETC-AZ942 Datasheet
47Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1419108-5 MACOM-2-1419108-5 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-7 MACOM-2-1419108-7 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1419108-4 MACOM-2-1419108-4 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
logo
American Zettler, Inc.
AZ942 AZETTLER-AZ942 Datasheet
87Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ942 ZETTLER-AZ942 Datasheet
105Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1419108-6 MACOM-2-1419108-6 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
2-1393237-5 MACOM-2-1393237-5 Datasheet
85Kb / 2P
   16 Amp PC Board Miniature Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com