Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ943-1CH-18D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ943-1CH-18D
Description  15 AMP MINIATURE PC BOARD RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ943-1CH-18D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ943-1CH-18D Datasheet HTML 1Page - ZETTLER Electronics AZ943-1CH-18D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
COIL
Power
At Pickup Voltage
203 mW
Max Continuous
1.8 W at 20°C (68°F) Class B
Dissipation
2.4 W at 20°C (68°F) Class F
Temperature Rise
32°C (58°F) at nominal coil voltage
Temperature
Max. 130°C (266°F) Class B
Max. 155°C (311°F) Class F
AZ943
GENERAL DATA
Life Expectancy
Mechanical
1 x 106
Electrical
1 x 105 at 10A 277 VAC Res.
Operate Time
10 ms max.
Release Time
5 ms max.
(with no coil suppression)
Dielectric Strength
1500 Vrms contact to coil
(at sea level for 1 min.) 1000 Vrms across contacts
Insulation Resistance
100 megohms min. at 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C(-40°F) to 70°C(158°F) class B
-40°C(-40°F) to 85°C(185°F) class F
Vibration
0.062" (1.5 mm) DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
10 g
Packing unit in pcs
20 per plastic tube / 1000 per carton box
15 AMP
MINIATURE
PC BOARD RELAY
FEATURES
• High performance
• Low seated height
• Flux tight and sealed versions available
• Class F insulation (155°C) available
• UL, CUR file E43203
• TÜV file R50161256
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Unsealed relays should not be dip cleaned.
4. Specifications subject to change without notice.
Arrangement
SPST (1 Form A)
SPDT (1 Form C)
Ratings
Resistive load:
Max. switched power: 300 W or 2770 VA
Max. switched current: 15 A (AC), 10 A (DC)
Max. switched voltage: 30 VDC or 300 VAC
Rated Load
UL
TÜV
10 A at 277 VAC, general use, 70°C, 100k cycles
10 A at 30 VDC, resistive, 70°C (N.O.)
1.5 HP at 125 VAC, 70°C, 6k cycles (N.O.)
SPST (1 Form A)
15 A at 125 VAC, general use, 70°C, 6k cycles
12 A at 120 VAC, resistive, 70°C, 6k cycles
8 A at 125 VAC, tungsten, 70°C
SPDT (1 Form C)
10 A at 120 VAC, resistive, 70°C, 100k cycles (N.O.)
10 A at 120 VAC, resistive, 70°C, 6k cycles (N.C.)
7 A at 30 VDC, resistive, 70°C (N.C.)
12 A at 125 VAC, resistive, 85°C, 10k cycles
10 A at 277 VAC, resistive, 85°C, 10k cycles
5 A at 250 VAC, resistive, 85°C, 25k cycles
SPST (1 Form A)
10 A at 277 VAC, resistive, 85°C, 25k cycles
Material
Silver tin oxide
Resistance
< 100 milliohms initially
(at 24 V, 1 A, voltage drop method)
CONTACTS
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-06-26


Similar Part No. - AZ943-1CH-18D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ943-1CH-18D AZETTLER-AZ943-1CH-18D Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
More results

Similar Description - AZ943-1CH-18D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943H AZETTLER-AZ943H Datasheet
116Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ9431 AZETTLER-AZ9431 Datasheet
106Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ932 AZETTLER-AZ932 Datasheet
176Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ943S ZETTLER-AZ943S Datasheet
57Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY SMT
logo
American Zettler, Inc.
AZ943S AZETTLER-AZ943S Datasheet
136Kb / 2P
   15 AMP (SMT) MINIATURE PC BOARD RELAY
logo
Tyco Electronics
SRUUH MACOM-SRUUH Datasheet
46Kb / 2P
   15 Amp Miniature Power PC Board Relay
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com