Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ881P2-2A-12D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ881P2-2A-12D
Description  8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ881P2-2A-12D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ881P2-2A-12D Datasheet HTML 1Page - ZETTLER Electronics AZ881P2-2A-12D Datasheet HTML 2Page - ZETTLER Electronics AZ881P2-2A-12D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RELAY ORDERING DATA
AZ881
COIL SPECIFICATIONS - MONOSTABLE
ORDER NUMBER*
Nominal
Must
Max. Continuous
Coil
1 Form A
Coil
Operate
VDC
Resistance
1 Form A
2 Form A
1 Form B
VDC
VDC
Ohm ± 10%
3
2.4
4.7
30
AZ881-1A-3D
AZ881-2A-3D
AZ881-1AB-3D
5
4.0
7.9
83
AZ881-1A-5D
AZ881-2A-5D
AZ881-1AB-5D
6
4.8
9.6
120
AZ881-1A-6D
AZ881-2A-6D
AZ881-1AB-6D
9
7.2
14.4
270
AZ881-1A-9D
AZ881-2A-9D
AZ881-1AB-9D
12
9.6
19.2
480
AZ881-1A-12D
AZ881-2A-12D
AZ881-1AB-12D
24
19.2
37.9
1920
AZ881-1A-24D
AZ881-2A-24D
AZ881-1AB-24D
AZ881
*Add suffix “E” for epoxy sealed version. Add suffix “A” for gold plated contacts. Add suffix “R” for reversed polarity coil. Add suffix “F” for class F insulation.
AZ881P1
COIL SPECIFICATIONS - SINGLE COIL LATCHING
ORDER NUMBER*
Nominal
Must
Max. Continuous
Coil
1 Form A
Coil
Operate
VDC
Resistance
1 Form A
2 Form A
1 Form B
VDC
VDC
Ohm ± 10%
3
2.4
6.7
60
AZ881P1-1A-3D
AZ881P1-2A-3D
AZ881P1-1AB-3D
5
4.0
11.2
167
AZ881P1-1A-5D
AZ881P1-2A-5D
AZ881P1-1AB-5D
6
4.8
13.4
240
AZ881P1-1A-6D
AZ881P1-2A-6D
AZ881P1-1AB-6D
9
7.2
20.1
540
AZ881P1-1A-9D
AZ881P1-2A-9D
AZ881P1-1AB-9D
12
9.6
26.8
960
AZ881P1-1A-12D
AZ881P1-2A-12D
AZ881P1-1AB-12D
*Add suffix “E” for epoxy sealed version. Add suffix “A” for gold plated contacts. Add suffix “R” for reversed polarity coil. Add suffix “F” for class F insulation.
AZ881P2
COIL SPECIFICATIONS - DUAL COIL LATCHING
ORDER NUMBER*
Nominal
Must
Max. Continuous
Coil
1 Form A
Coil
Operate
VDC
Resistance
1 Form A
2 Form A
1 Form B
VDC
VDC
Ohm ± 10%
3
2.4
4.7
30
AZ881P2-1A-3D
AZ881P2-2A-3D
AZ881P2-1AB-3D
5
4.0
7.9
83
AZ881P2-1A-5D
AZ881P2-2A-5D
AZ881P2-1AB-5D
6
4.8
9.6
120
AZ881P2-1A-6D
AZ881P2-2A-6D
AZ881P2-1AB-6D
9
7.2
14.4
270
AZ881P2-1A-9D
AZ881P2-2A-9D
AZ881P2-1AB-9D
12
9.6
19.2
480
AZ881P2-1A-12D
AZ881P2-2A-12D
AZ881P2-1AB-12D
24
19.2
37.9
1920
AZ881P2-1A-24D
AZ881P2-2A-24D
AZ881P2-1AB-24D
*Add suffix “E” for epoxy sealed version. Add suffix “A” for gold plated contacts. Add suffix “R” for reversed polarity coil. Add suffix “F” for class F insulation.
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-06-17


Similar Part No. - AZ881P2-2A-12D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ881P2-2A-12D AZETTLER-AZ881P2-2A-12D Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
More results

Similar Description - AZ881P2-2A-12D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ880 ZETTLER-AZ880 Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
American Zettler, Inc.
AZ881 AZETTLER-AZ881 Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
AZ880 AZETTLER-AZ880 Datasheet
217Kb / 3P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ7709 ZETTLER-AZ7709 Datasheet
490Kb / 3P
   SPST SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ765 AZETTLER-AZ765 Datasheet
247Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 AZETTLER-AZ766 Datasheet
101Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ765 ZETTLER-AZ765 Datasheet
64Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 ZETTLER-AZ766_12 Datasheet
44Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 ZETTLER-AZ766 Datasheet
46Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
Hongfa Technology
HF163F-L HONGFA-HF163F-L Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com