Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ881 Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AZ881
Description  8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ881 Datasheet(HTML) 3 Page - ZETTLER Electronics

  AZ881 Datasheet HTML 1Page - ZETTLER Electronics AZ881 Datasheet HTML 2Page - ZETTLER Electronics AZ881 Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AZ881
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
-1A
-2A
-1AB
-2A
-1A
-1AB
.400
[10.16]
.300
[7.62]
.300
[7.62]
4-Ø.047
[Ø1.20]
.400
[10.16]
.300
[7.62]
.300
[7.62]
6-Ø.047
[Ø1.20]
.100
[2.54]
.300
[7.62]
.300
[7.62]
.300
[7.62]
6-[Ø.047]
[Ø1.20]
.100
[2.54]
.300
[7.62]
.300
[7.62]
.300
[7.62]
8-[Ø.047]
[Ø1.20]
.795MAX
[20.2]
.134
[3.40]
.048
[1.22]
.400
[10.16]
.300
[7.62]
.400
[10.16]
.300
[7.62]
.134
[3.40]
.048
[1.22]
-1A
Monostable and 1 coil latching
0.795MAX
[20.2]
-2A, -1AB
-1A
-2A, -1AB
.795MAX
[20.2]
.134
[3.40]
.048
[1.22]
.400
[10.16]
.300
[7.62]
.100
[2.54]
.409MAX
[10.40]
.433MAX
[11.0]
.300
[7.62]
2 coil latching
Monostable and 1 coil latching
-1A
-2A, -1AB
PC Board Layout
2 coil latching
-1A
-2A, -1AB
Monostable (Denergized condition)
Wiring Diagrams
Outline Dimensions
Viewed toward terminals
Viewed toward terminals
1 coil latching (Reset condition)
2 coil latching (Reset condition)
-1A
-2A
-1AB
6 x [.40 x .80]
6 x .016 x .031
8 x [.40 x .80]
8 x .016 x .031
.409MAX
[10.40]
.433MAX
[11.0]
.795MAX
[20.2]
.134
[3.40]
.300
[7.62]
.048
[1.22]
.400
[10.16]
.300
[7.62]
.100
[2.54]
6 x [.40 x .80]
6 x .016 x .031
4 x [.40 x .80]
4 x .016 x .031
.433MAX
[11.0]
.300
[7.62]
.409MAX
[10.40]
.433MAX
[11.0]
.300
[7.62]
.409MAX
[10.40]
MECHANICAL DATA
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-06-17


Similar Part No. - AZ881

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ881 AZETTLER-AZ881 Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
AZ881-1A-12D AZETTLER-AZ881-1A-12D Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
AZ881-1A-24D AZETTLER-AZ881-1A-24D Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
AZ881-1A-3D AZETTLER-AZ881-1A-3D Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
AZ881-1A-5D AZETTLER-AZ881-1A-5D Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
More results

Similar Description - AZ881

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ880 ZETTLER-AZ880 Datasheet
64Kb / 4P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
American Zettler, Inc.
AZ881 AZETTLER-AZ881 Datasheet
221Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
AZ880 AZETTLER-AZ880 Datasheet
217Kb / 3P
   10 A SPST / 8 A DPST POLARIZED SUBMINIATURE POWER RELAY SINGLE SIDE STABLE (NON-LATCHING) AND BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ7709 ZETTLER-AZ7709 Datasheet
490Kb / 3P
   SPST SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ765 AZETTLER-AZ765 Datasheet
247Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 AZETTLER-AZ766 Datasheet
101Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ765 ZETTLER-AZ765 Datasheet
64Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 ZETTLER-AZ766_12 Datasheet
44Kb / 2P
   SPST SUBMINIATURE POWER RELAY
AZ766 ZETTLER-AZ766 Datasheet
46Kb / 2P
   SPST SUBMINIATURE POWER RELAY
logo
Hongfa Technology
HF163F-L HONGFA-HF163F-L Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER LATCHING RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com