Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ852N.9DE Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ852N.9DE
Description  MICROMINIATURE POLARIZED RELAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ852N.9DE Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ852N.9DE Datasheet HTML 1Page - ZETTLER Electronics AZ852N.9DE Datasheet HTML 2Page - ZETTLER Electronics AZ852N.9DE Datasheet HTML 3Page - ZETTLER Electronics AZ852N.9DE Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RELAY ORDERING DATA
NON-LATCHING VERSION
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
Ohm ± 10%
THT
Gull Wing
*
J-Leg
*
1.5
1.13
3.4
16
AZ852N–1.5DE
AZ852G–1.5DE
AZ852J–1.5DE
32.10
6.8
64
AZ852N–3DE
AZ852G–3DE
AZ852J–3DE
4.5
3.15
10.3
145
AZ852N–4.5DE
AZ852G–4.5DE
AZ852J–4.5DE
53.50
11.4
178
AZ852N–5DE
AZ852G–5DE
AZ852J–5DE
64.20
13.7
257
AZ852N–6DE
AZ852G–6DE
AZ852J–6DE
96.30
20.4
574
AZ852N–9DE
AZ852G–9DE
AZ852J–9DE
12
8.40
27.3
1,028
AZ852N–12DE
AZ852G–12DE
AZ852J–12DE
24
16.80
45.6
2,880
AZ852N–24DE
AZ852G–24DE
AZ852J–24DE
LATCHING VERSION
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
Ohm ± 10%
THT
Gull Wing
*
J-Leg
*
1.5
1.13
4.1
23
AZ852PN–1.5DE
AZ852PG–1.5DE
AZ852PJ–1.5DE
32.25
8.1
90
AZ852PN–3DE
AZ852PG–3DE
AZ852PJ–3DE
4.5
3.38
12.1
203
AZ852PN–4.5DE
AZ852PG–4.5DE
AZ852PJ–4.5DE
53.75
13.5
250
AZ852PN–5DE
AZ852PG–5DE
AZ852PJ–5DE
4.50
16.2
360
AZ852PN–6DE
AZ852PG–6DE
AZ852PJ–6DE
96.75
24.2
810
AZ852PN–9DE
AZ852PG–9DE
AZ852PJ–9DE
12
9.00
32.3
1,440
AZ852PN–12DE
AZ852PG–12DE
AZ852PJ–12DE
24
18.00
41.9
2,880
AZ852PN–24DE
AZ852PG–24DE
AZ852PJ–24DE 
* Available only in Tape and Reel available (1K pcs/reel minimum)
    
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
2005-03-11
AZ852
INITIAL DIELECTRIC STRENGTH (minimum)
SURGE
VRMS, 1 min.
Peak (V)
Rise Time (µs)
Decay Time* (µs) (1/2 peak)
Between open contacts
1,000
1,500
2 (10)
10 (160)
Between contact sets
1,000
1,500
2 (10)
10 (160)
Between coil and contacts
1,800
2,500
2 (10)
10 (160)
* Decay time measured from beginning of surge.
Temperature Profile
EU
Recommended Soldering Profile according CECC 00802
Discontinuation Notice
Discontinuation date:
31.12.2012
Date of last order:
30.06.2012
Recommended replacement:
AZ8521


Similar Part No. - AZ852N.9DE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ852N-1.5DE ETC-AZ852N-1.5DE Datasheet
202Kb / 4P
   MICROMINIATURE POLARIZED RELAY
AZ852N-12DE ETC-AZ852N-12DE Datasheet
202Kb / 4P
   MICROMINIATURE POLARIZED RELAY
AZ852N-24DE ETC-AZ852N-24DE Datasheet
202Kb / 4P
   MICROMINIATURE POLARIZED RELAY
AZ852N-3DE ETC-AZ852N-3DE Datasheet
202Kb / 4P
   MICROMINIATURE POLARIZED RELAY
AZ852N-4.5DE ETC-AZ852N-4.5DE Datasheet
202Kb / 4P
   MICROMINIATURE POLARIZED RELAY
More results

Similar Description - AZ852N.9DE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ833 ETC-AZ833 Datasheet
163Kb / 4P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com