Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ832-2C-24DME Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ832-2C-24DME
Description  POLARIZED DIP RELAY SINGLE SIDE STABLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ832-2C-24DME Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ832-2C-24DME Datasheet HTML 1Page - ZETTLER Electronics AZ832-2C-24DME Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-09-25
AZ832
CONTACTS
Arrangement
DPDT (2 Form C)
Bifurcated crossbar contacts
Ratings
Resistive load:
Max. switched power: 60 W or 250 VA
Max. switched current: 3 A
Max. switched voltage: 220 VDC* or 250 VAC
*
Note: If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL
2 A at
30 VDC resistive
0.5 A at
60 VDC resistive
1 A at 120 VAC resistive
Material
Gold plated silver against palladium silver.
Gold plated palladium silver against palladium
silver (Suffix “A”)
Resistance
< 50 milliohms initially
POLARIZED DIP RELAY
SINGLE SIDE STABLE
FEATURES
• Low profile for compact board spacing
• DC coils to 48 VDC
• High sensitivity, 96 mW pickup
• Life expectancy to 20 million operations
• High switching capacity, 60 W, 250 VA
• Fits standard 16 pin IC socket
• Minimum switching load 10 mV, 10 µA
• Epoxy sealed
• Meets FCC Part 68.302 1500 V lightning surge
• Meets FCC Part 68.304 1000 V dielectric
• UL, CUR file E43203
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
2 x 107
Electrical
1 x 105 at 2 A, 30 VDC or 1 A, 125 VAC
2 x 106 at 1 A, 30 VDC or 0.5 A, 125 VAC
Operate Time (typical)
3 ms at nominal coil voltage
Release Time (typical)
2 ms at nominal coil voltage
(with no coil suppression)
Bounce (typical)
3 ms
Dielectric Strength
1500 Vrms contact to coil
(at sea level)
1500 Vrms between contact sets
1000 Vrms across contacts
Meets FCC Part 68.302 lightning surge
Meets FCC Part 68.304 V dielectric
Insulation Resistance
1000 megohms min. at 20°C, 500 VDC,
50% RH
Dropout
Greater than 10% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 85°C (185°F)
Vibration
50 g at 10–500 Hz
Shock
50 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
5 grams
COIL
Power
At Pickup Voltage
Standard coil: 128 mW
(typical)
Sensitive coil: 96 mW
Max. Continuous
0.9 W at 20°C (68°F)
Dissipation
Temperature
Max. 115°C (239°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Relay has fixed coil polarity.
4. For complete isolation between the relay’s magnetic fields, it is
recommended that a .197" (5.0 mm) space be provided between
adjacent relays.
5. Relay adjustment may be affected if undue pressure is exerted
on relay case.
6. Specifications subject to change without notice.


Similar Part No. - AZ832-2C-24DME

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ832-2C-24DME ETC1-AZ832-2C-24DME Datasheet
55Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
American Zettler, Inc.
AZ832-2C-24DME AZETTLER-AZ832-2C-24DME Datasheet
228Kb / 3P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
More results

Similar Description - AZ832-2C-24DME

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830 ZETTLER-AZ830_13 Datasheet
203Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
List of Unclassifed Man...
AZ832 ETC1-AZ832 Datasheet
55Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
ZETTLER Electronics
AZ830 ZETTLER-AZ830 Datasheet
58Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
American Zettler, Inc.
AZ832 AZETTLER-AZ832 Datasheet
228Kb / 3P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
AZ830 AZETTLER-AZ830 Datasheet
92Kb / 2P
   POLARIZED DIP RELAY SINGLE SIDE STABLE
logo
ZETTLER Electronics
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
American Zettler, Inc.
AZ830P AZETTLER-AZ830P Datasheet
89Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
   POLARIZED DIP RELAY BISTABLE (LATCHING)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com