Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ850-12 Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ850-12
Description  MICROMINIATURE POLARIZED RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ850-12 Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ850-12 Datasheet HTML 1Page - ZETTLER Electronics AZ850-12 Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-06-17
AZ850
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
[0.69]
.027
PC BOARD L AYOUT
[2.54]
Stripe on top of relay
of pins 1 & 10
[2.54]
WIRING DIAGRAMS
[14.0]
.551
BISTABLE (LATCHING) TWO COIL
10x.138
10 x
ø .032
[0.8]
4 x .100
VIEWED TOWARDS TERMINALS
Reset Coil
86
7
9
10
6
7
10
9
8
Watch for polarity
VIEWED TOWARDS TERMINALS
(-)
DEENERGIZED OR RESET CONDITION
RESET CONDITION
Watch for polarity
45
12
3
SINGLE SIDE STABLE
10x.020
4x.100
(+)
indicates the position
Diagrams show the "reset"
position before energized
with polarity as shown.
[7.63]
[3.5]
.300
[0.25]
.010
[0.25]
[5.0]
.197
(+)
2
1
(+)
[0.51]
.300
[7.62]
.075
[1.90]
10x.010
[9.00]
.354
(-)
Set Coil
(-)
35
4
RELAY ORDERING DATA
COIL SPECIFICATIONS
Standard Coil: Monostable
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
Ohm ± 10%
3
2.25
7.5
64.3
AZ850–3
4.5
3.4
11.25
145.2
AZ850-4.5
5
3.75
12.5
178
AZ850–5
6
4.5
15.0
257
AZ850–6
9
6.75
22.5
579
AZ850–9
12
9.0
30.0
1,028
AZ850–12
24
18.0
48.0
2,880
AZ850–24
48
36.0
80.0
7,680
AZ850-48 *
* Not UL Approved
Bistable (Latching): 1 Coil
Nominal Coil
Set-/Reset
Max. Continuous
Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
Ohm ± 10%
3
2.25
8.7
90
AZ850P1–3
4.5
3.4
13.0
203
AZ850P1-4.5
5
3.75
14.5
250
AZ850P1–5
6
4.5
17.4
360
AZ850P1–6
9
6.75
26.1
810
AZ850P1–9
12
9.0
34.8
1,440
AZ850P1–12
24
18.0
57.6
3,840
AZ850P1–24
Bistable (Latching): 2 Coils
Nominal Coil
Set-/Reset
Max. Continuous
Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
Ohm ± 10%
3
2.25
6.0
45
AZ850P2–3
4.5
3.4
13.0
102
AZ850P2-4.5
5
3.75
10.0
125
AZ850P2–5
6
4.5
12.0
180
AZ850P2–6
9
6.75
18.0
405
AZ850P2–9
12
9.0
24.0
720
AZ850P2–12
24
18.0
40.0
1,920
AZ850P2–24


Similar Part No. - AZ850-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ850-12 ETC1-AZ850-12 Datasheet
55Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ850-12 AZETTLER-AZ850-12 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
More results

Similar Description - AZ850-12

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ8463 AZETTLER-AZ8463 Datasheet
147Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ956 ZETTLER-AZ956 Datasheet
147Kb / 2P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ852 AZETTLER-AZ852 Datasheet
230Kb / 3P
   MICROMINIATURE POLARIZED RELAY
AZ846 AZETTLER-AZ846 Datasheet
80Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ851 AZETTLER-AZ851 Datasheet
109Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851_14 Datasheet
64Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
American Zettler, Inc.
AZ956 AZETTLER-AZ956 Datasheet
92Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ850 AZETTLER-AZ850 Datasheet
72Kb / 2P
   MICROMINIATURE POLARIZED RELAY
AZ8462 AZETTLER-AZ8462 Datasheet
162Kb / 3P
   MICROMINIATURE POLARIZED RELAY
logo
List of Unclassifed Man...
AZ833 ETC-AZ833 Datasheet
163Kb / 4P
   MICROMINIATURE POLARIZED RELAY
logo
ZETTLER Electronics
AZ851 ZETTLER-AZ851 Datasheet
70Kb / 3P
   MICROMINIATURE POLARIZED RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com