Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGD037S030BSA01 Datasheet(PDF) 1 Page - Littelfuse

Part # PGD037S030BSA01
Description  PGD Series Connector Array ESD Suppressor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

PGD037S030BSA01 Datasheet(HTML) 1 Page - Littelfuse

  PGD037S030BSA01 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4
PulseGuard
® Suppressors
183
www .littelfuse .com
Polymeric ESD Suppressors
PGD Series Connector Array ESD Suppressor
With similar performance features as the surface mount ESD products,
the connector array products provide the first line of defense against
ESD events. For use in standard D-Subminiatures, these suppressors
intercept the ESD pulses before they enter the electronic equipment.
The pulses are shunted to the grounded shell of the connector and kept
off of the circuit board. The connector configuration takes up zero board
space and can also be used as a retrofit solution in cases where the
ESD problem was identified after the board design was complete.
Electrical Characteristics:
• Capacitance
<2 pF1
• Leakage Current
<0.1µA2
• Off state Resistance
10 M
2
• Clamping Voltage
100V3, typical
• Operating Voltage
24 VDC
• Peak Current
45A, at 15 kV
• Bi-directional
• Product Rated for 10,000 cycles
PHYSICAL SPECIFICATIONS:
Body Material: Polyimide
Terminations: Spring contacts
Voltage Variable Material: Littelfuse polymeric formula.
Soldering Parameters:
• Press-in fitting, soldering not necessary.
Packaging: Bulk, bagged and tagged.
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature: -65°C to 125°C
Vibration: Withstands 10-55Hz per MIL-STD-202F,
Method 201A and 10-2000Hz at 20 G’s per
MIL-STD-202F, Method 204D, Condition D.
Thermal Shock: Withstands 5 cycles of -50°C to 125°C
ORDERING INFORMATION:
1 Tested at 1 Megahertz
2 Tested at 5 VDC
3 Tested at 8 kV, Direct Contact, IEC 61000-4-2 ESD Waveform
Catalog
Mounting
Number
Pin
Number
Option
of Pins
Size (in.)
PGD009S030BSA01
90
° Angle
9
0.018 - 0.028
PGD009S030CSA01
90
° Angle
9
0.030 - 0.040
PGD009S030CSF01
Front
9
0.030 - 0.040
PGD009S030BSR01
Rear
9
0.018 - 0.028
PGD015S030BSA01
90
° Angle
15
0.018 - 0.028
PGD015S030CSA01
90
° Angle
15
0.030 - 0.040
PGD015S030CSF01
Front
15
0.030 - 0.040
PGD015S030BSR01
Rear
15
0.018 - 0.028
PGD025S030BSA01
90
° Angle
25
0.018 - 0.028
PGD025S030CSA01
90
° Angle
25
0.030 - 0.040
PGD025S030CSF01
Front
25
0.030 - 0.040
PGD025S030BSR01
Rear
25
0.018 - 0.028
PGD037S030BSA01
90
° Angle
37
0.018 - 0.028
PGD037S030CSA01
90
° Angle
37
0.030 - 0.040
PGD037S030CSF01
Front
37
0.030 - 0.040
90° Angle Mount
Front Mount
Previous


Similar Part No. - PGD037S030BSA01

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
PGD1ET KOA-PGD1ET Datasheet
73Kb / 1P
   bidirectional esd suppressor
PGD1ETTE5V0 KOA-PGD1ETTE5V0 Datasheet
73Kb / 1P
   bidirectional esd suppressor
PGD1JTTE5V0 KOA-PGD1JTTE5V0 Datasheet
73Kb / 1P
   bidirectional esd suppressor
logo
NXP Semiconductors
PGD3162AM550EK NXP-PGD3162AM550EK Datasheet
218Kb / 11P
   Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 1 - 29 November 2022
PGD3162AM550EK NXP-PGD3162AM550EK Datasheet
193Kb / 10P
   Advanced IGBT/SiC gate driver with dynamic gate strength adjust
Rev. 1.1 - 10 May 2023
More results

Similar Description - PGD037S030BSA01

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZA-EGCA50AV PANASONIC-EZA-EGCA50AV Datasheet
92Kb / 2P
   ESD Suppressor Array
logo
FutureWafer Tech Co.,Lt...
FMS05C-130PF FUTUREWAFER-FMS05C-130PF Datasheet
1Mb / 5P
   Transient Voltage Suppressor For ESD array
FMS05C FUTUREWAFER-FMS05C Datasheet
1Mb / 5P
   Transient Voltage Suppressor For ESD array
VCLAMP05 FUTUREWAFER-VCLAMP05 Datasheet
1Mb / 5P
   Quad Bi-Directional Transient Suppressor For ESD array
logo
American Accurate Compo...
MSA24A03T1V1 AAC-MSA24A03T1V1 Datasheet
66Kb / 1P
   MSA Low Capacitance MAX Guard짰 ESD Suppressor Array
logo
Cooper Bussmann, Inc.
0402ESDA-MLP7 COOPER-0402ESDA-MLP7 Datasheet
388Kb / 2P
   MLP Series ESD Suppressor
0603ESDA-MLP7 COOPER-0603ESDA-MLP7 Datasheet
134Kb / 2P
   MLP Series ESD Suppressor
logo
Moda-InnoChips Co., Ltd...
ULCE0505C015FR ICT-ULCE0505C015FR Datasheet
90Kb / 5P
   ESD Suppressor
logo
Eaton All Rights Reserv...
0603ESDA-TR1 EATON-0603ESDA-TR1 Datasheet
783Kb / 3P
   ESD suppressor
logo
Panasonic Semiconductor
EZA-EG2A50AX PANASONIC-EZA-EG2A50AX Datasheet
94Kb / 2P
   ESD Suppressor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com