Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMR3-06 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMR3-06
Description  SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMR3-06 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMR3-06 Datasheet HTML 1Page - Central Semiconductor Corp CMR3-06 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMR3-02
CMR3-08
CMR3-04
CMR3-10
CMR3-06
CMR3-11
SURFACE MOUNT SILICON
GENERAL PURPOSE RECTIFIERS
3.0 AMP, 200 THRU 1100 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMR3-02 series
3.0 Amp surface mount silicon rectifiers are highly reliable
components designed for use in all types of commercial,
industrial, entertainment, computer, and automotive
applications. To order devices on 16mm Tape and
Reel (3000/13” Reel), add TR13 suffix to part number.
FEATURES:
• High reliability
• Glass passivated chip
• Special selections available
• “C” bend construction provides strain
relief when mounted on PC board
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CMR3 CMR3
CMR3 CMR3 CMR3
CMR3
SYMBOL -02
-04
-06
-08
-10
-11
UNITS
Peak Repetitive Reverse Voltage
VRRM
200
400
600
800
1000
1100
V
DC Blocking Voltage
VR
200
400
600
800
1000
1100
V
RMS Reverse Voltage
VR(RMS) 140
280
420
560
700
770
V
Average Forward Current (TA=75°C)
IO
3.0
A
Peak Forward Surge Current, tp=8.3ms
IFSM
200
A
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +175
°C
Thermal Resistance
ΘJL
10
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IR
VR=Rated VRRM
5.0
μA
IR
VR=Rated VRRM, TA=125°C
250
μA
VF
IF=3.0A
1.2
V
MARKING CODE: SEE MARKING CODE TABLE ON
FOLLOWING PAGE
SMC CASE
R5 (11-September 2013)
www.centr a lsemi.com


Similar Part No. - CMR3-06

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMR3-06 CENTRAL-CMR3-06 Datasheet
82Kb / 2P
   GENERAL PURPOSE RECTIFIER 3.0 AMP, 200 THRU 1,000 VOLTS
CMR3-06 CENTRAL-CMR3-06 Datasheet
280Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER 3 AMP, 200 THRU 1100 VOLTS
More results

Similar Description - CMR3-06

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMMR1-02 CENTRAL-CMMR1-02_15 Datasheet
281Kb / 2P
   SURFACE MOUNT SILICON GENERAL PURPOSE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
S1A-1DSMA YFWDIODE-S1A-1DSMA Datasheet
522Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
M1-SMAF YFWDIODE-M1-SMAF_17 Datasheet
417Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Xian Semipower Electron...
S1ABF SEMIPOWER-S1ABF Datasheet
120Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
S2AF SEMIPOWER-S2AF Datasheet
135Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S1ABF-SMBF YFWDIODE-S1ABF-SMBF Datasheet
417Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
S2AW-SOD123FL YFWDIODE-S2AW-SOD123FL Datasheet
418Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
Gaomi Xinghe Electronic...
S3A GXELECTRONICS-S3A Datasheet
496Kb / 2P
   Surface Mount General Purpose Silicon Rectifiers
logo
Shanghai Yint Electroni...
S3AB YINT-S3AB Datasheet
494Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
M1F YFWDIODE-M1F Datasheet
472Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com