Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T10A220 Datasheet(PDF) 1 Page - Littelfuse

Part # T10A220
Description  Glass passivated junction
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

T10A220 Datasheet(HTML) 1 Page - Littelfuse

  T10A220 Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
54
www .littelfuse .com
T10A series Sibod
All dimensions in mm
DEVICE
TYPE
T10A062
T10A068
T10A100
T10A120
T10A130
T10A180
T10A200
T10A220
T10A240
T10A270
IRM @ VRM
max
µAV
56
61
90
108
117
162
180
198
216
243
2
2
2
2
2
2
2
2
2
2
IR @ VR
max
µAV
62
68
100
120
130
180
200
220
240
270
50
50
50
50
50
50
50
50
50
50
VBO @ IBO
max
VmA
800
800
800
800
800
800
800
800
800
800
82
90
133
160
173
240
267
293
320
370
IH
min
mA
150
150
150
150
150
150
150
150
150
150
FEATURES
G Glass passivated junction
G High current diverting capability (150A, 8x20µs)
G Low capacitance, less than 100pF
APPLICATION
G Bi-directional device for telephone and line card protection
ELECTRICAL CHARACTERISTICS (Tamb = +25°C)
25.4 min
25.4 min
3.05
3.25
0.76
0.86
6.10
6.47
T10A
Voltage
Holding
Current Optio n
Packaging Option
B = Bulk (500 pcs)
T = Tape and reeled (1500 pcs)
ORDERING INFORMATION
G UL recognized
G Automatic reset
G Does not degrade
PARAMETER
Stand-off Voltage
Breakdown Voltage
Holding Current
Continuous Reverse Voltage
ABSOLUTE RATINGS (limiting values) (Tj = + 25°C) L = 10mm
PARAMETER
Power dissipation on infinite heatsink
Peak Pulse Current
Non-repetitive surge peak on-state current
Critical rate of rise of on-state current
Storage and operating junction
Temperature range
Maximum lead temperature for soldering
during 10s at 4mm from case
Tamb = 50°C
10x1000µsec
10/700 1.5KV
8-20 us expo
tp = 20 ms
Non repetitive
VALUE
1.7
50
37.5
100
30
100
-40 to 150
150
230
UNIT
W
A
A
A/us
°C
°C
°C
THERMAL RESISTANCES
SYMBOL
Rth(j-i)
Rth(j-a)
PARAMETER
Junction-leads on infinite heatsink
Junction-ambient on printed circuit
L = 10mm
VALUE
60
100
UNIT
°C/W
°C/W
All parameters are tested using Fet Test ™ Model 3600
SYMBOL
P
Ipp
Itsm
di/dt
T stg
Tj
Tl
SYMBOL
VRM
VBR
IH
VR


Similar Part No. - T10A220

ManufacturerPart #DatasheetDescription
logo
Littelfuse
T10A220 LITTELFUSE-T10A220 Datasheet
143Kb / 2P
   SIDACtor Devices
T10A220B LITTELFUSE-T10A220B Datasheet
143Kb / 2P
   SIDACtor Devices
T10A220E LITTELFUSE-T10A220E Datasheet
143Kb / 2P
   SIDACtor Devices
T10A220XX LITTELFUSE-T10A220XX Datasheet
129Kb / 4P
   T10A Series are SIDACtor짰 devices designed protect baseband
More results

Similar Description - T10A220

ManufacturerPart #DatasheetDescription
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
Littelfuse
T10B LITTELFUSE-T10B Datasheet
70Kb / 1P
   Glass passivated junction
logo
Leshan Radio Company
FR156G LRC-FR156G_15 Datasheet
206Kb / 7P
   Glass Passivated Junction
RGP30J LRC-RGP30J_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
UGP10D LRC-UGP10D_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
1N4944G LRC-1N4944G_15 Datasheet
199Kb / 7P
   Glass Passivated Junction
UGP10B LRC-UGP10B_15 Datasheet
305Kb / 7P
   Glass Passivated Junction
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
Taiwan Semiconductor Co...
ABS6-T TSC-ABS6-T Datasheet
240Kb / 4P
   Glass passivated junction
logo
Leshan Radio Company
EGP15J LRC-EGP15J_15 Datasheet
207Kb / 7P
   Glass Passivated Junction
EGP30D LRC-EGP30D_15 Datasheet
195Kb / 7P
   Glass Passivated Junction
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com