Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ822-2C-9DSE Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ822-2C-9DSE
Description  SUBMINIATURE DIP RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ822-2C-9DSE Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ822-2C-9DSE Datasheet HTML 1Page - ZETTLER Electronics AZ822-2C-9DSE Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AZ822
-
A ZETTLER
Company
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
GROUP
GROUP
2014-06-17
RELAY ORDERING DATA
COIL SPECIFICATIONS
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
ORDER NUMBER
VDC
VDC
VDC
Ohm ± 10%
3
2.1
7.5
60
AZ822–2C–3DSE
5
3.5
12.5
167
AZ822–2C–5DSE
6
4.2
15.0
240
AZ822–2C–6DSE
9
6.3
22.5
540
AZ822–2C–9DSE
12
8.4
30.0
960
AZ822–2C–12DSE
18
12.6
40.0
1,620
AZ822–2C–18DSE
24
16.8
52.9
2,880
AZ822–2C–24DSE
48
33.6
84.9
7,680
AZ822–2C–48DSE
MECHANICAL DATA
.787
(20)
.044
(1.11)
.138
(3.5)
.015
(0.38)
.472
(12)
.300
(7.62)
.200
(5.08)
.200
(5.08)
.020
(0.5)
.010
(0.25)
WIRING DIAGRAM
Viewed toward terminals
PC BOARD LAYOUT
Viewed toward terminals
0.1
(2.54)
.047
(1.2) REF
.047
(1.2) REF
1
16
4
13
6
11
8
9
.386
(9.8)
8 x ø .03
[ø 0.8]
.300
(7.62)
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"
TYPICAL CONTACT LIFE EXPECTANCY
NUMBER OF OPERATIONS
VOLTAGE
CURRENT
RESISTIVE
INDUCTIVE
LOAD
LOAD
50 mV
1 mA
1x 107
1 x 107
30 VDC
1 A
5 x 105
15 x 104
30 VDC
0.7 A
1 x 106
3 x 105
30 VDC
0.3 A
3 x 106
1 x 106
60 VDC
0.5 A
5 x 105
60 VDC
0.3 A
1 x 106
60 VDC
0.2 A
3 x 106
30 VAC
2 A
5 x 105
15 x 104
30 VAC
1.3 A
1 x 106
3 x 105
30 VAC
0.7 A
3 x 106
1 x 106
60 VAC
1 A
5 x 105
15 x 104
60 VAC
0.7 A
1 x 106
3 x 105
60 VAC
0.3 A
3 x 106
1 x 106
125 VAC
0.5 A
5 x 105
15 x 104
125 VAC
0.3 A
1 x 106
3 x 105
125 VAC
0.2 A
3 x 106
1 x 106
NOTES: 1. Relays operated at nominal coil voltage.
2. Inductive load tests are at 0.7 power factor.
3. Table represents typical life figures and are not
guaranteed minimums.
Maximum Switching Capacity
.1
.2
.3
.4
.5
.6
.7
.8
.9
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Contact Voltage (V)
AC resistive
DC resistive


Similar Part No. - AZ822-2C-9DSE

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ822-2C-9DSE ZETTLER-AZ822-2C-9DSE Datasheet
52Kb / 2P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ822-2C-9DSE AZETTLER-AZ822-2C-9DSE Datasheet
81Kb / 2P
   SUBMINIATURE DIP RELAY
More results

Similar Description - AZ822-2C-9DSE

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ822 AZETTLER-AZ822 Datasheet
81Kb / 2P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
JRC-27F ETC1-JRC-27F Datasheet
112Kb / 3P
   SUBMINIATURE DIP RELAY
HFD27 ETC2-HFD27 Datasheet
59Kb / 3P
   SUBMINIATURE DIP RELAY
logo
Hongfa Technology
HFD27 HONGFA-HFD27 Datasheet
58Kb / 3P
   SUBMINIATURE DIP RELAY
HFD2 HONGFA-HFD2 Datasheet
67Kb / 4P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
HFD2 ETC-HFD2 Datasheet
41Kb / 3P
   SUBMINIATURE DIP RELAY
logo
American Zettler, Inc.
AZ820 AZETTLER-AZ820 Datasheet
82Kb / 2P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
AZ821 ETC2-AZ821_05 Datasheet
88Kb / 2P
   SUBMINIATURE DIP RELAY
logo
EVER-WAY INDUSTRY COMPA...
HK19F EVER-WAY-HK19F Datasheet
239Kb / 3P
   SUBMINIATURE DIP RELAY
logo
List of Unclassifed Man...
AZ821 ETC-AZ821 Datasheet
61Kb / 2P
   SUBMINIATURE DIP RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com