Electronic Components Datasheet Search |
|
AZ821-2C-48DSE Datasheet(PDF) 1 Page - ZETTLER Electronics |
|
AZ821-2C-48DSE Datasheet(HTML) 1 Page - ZETTLER Electronics |
1 / 2 page GENERAL DATA Life Expectancy Minimum operations Mechanical 15 x 106 Electrical 1 x 105 at 2 A 30 VDC Res. Operate Time (typical) 5 ms at nominal coil voltage Release Time (typical) 4 ms at nominal coil voltage (with no coil suppression) Dielectric Strength 1000 Vrms coil to contact (at sea level for 1 min.) 750 Vrms contact to contact Insulation Resistance 1000 megohms min. at 20°C, 500 VDC, 50% RH Dropout Greater than 5% of nominal coil voltage Capacitance Contact to contact: 2.0 pF Contact set to contact set: 1.5 pF Contact to coil: 5.0 pF Ambient Temperature At nominal coil voltage Operating AZ821: -40°C (-40°F) to 60°C (140°F) AZ831: -40°C (-40°F) to 85°C (185°F) Storage -40°C (-40°F) to 105°C (221°F) Vibration 1.5 mm DA at 10–55 Hz Shock 10 g 11 ms 1/2 sine Enclosure P.B.T. polyester 94 V-O Terminals Tinned copper alloy Max. Solder Temp. 270°C (518°F) Max. Solder Time 5 seconds Max. Solvent Temp. 80°C (176°F) Max. Immersion Time 30 seconds Weight 6 grams Packing unit in pcs 25 per plastic tube / 1000 per carton box CONTACTS Arrangement DPDT (2 Form C) Ratings Resistive load: Max. switched power: 60 W or 125 VA Max. switched current: 3 A Max. switched voltage: 220 VDC or 250 VAC Rated Load UL, CUR 1.0 A at 125 VAC, AZ821 0.5 A at 125 VAC, AZ831 0.3 A at 100 VDC 1.0 A at 30 VDC Material Silver nickel, gold plated Resistance < 100 milliohms initially 200 milliohms at end of life AZ821/AZ831 SUBMINIATURE DIP RELAY FEATURES • Low profile for compact board spacing • DC coils to 48 VDC • Single button crossbar contacts • High sensitivity, 100 mW pickup • Life expectancy to 15 million operations • High switching capacity, 60 W, 125 VA • Fits standard 16 pin IC socket • Epoxy sealed • Meets FCC Part 68.302 1500 V lightning surge • Meets FCC Part 68.304 1000 V dielectric • UL, CUR file E43203 COIL Power At Pickup Voltage AZ821: 250 mW (typical) AZ831: 100 mW Max. Continuous 1.1 W at 20°C (68°F) Dissipation Temperature Rise AZ821: 37°C (67°F) at nominal coil voltage AZ831: 18°C (32°F) at nominal coil voltage Temperature Max. 105°C (239°F) NOTES 1. All values at 20°C (68°F). 2. Relay may pull in with less than “Must Operate” value. 3. Other coil resistances and sensitivities available upon request. 4. Specifications subject to change without notice. ZETTLER electronics GmbH Fax +49 89 800 97 200 www.ZETTLERelectronics.com office@ZETTLERelectronics.com 0 97 800 89 +49 Tel. Germany Puchheim, D-82178 Junkersstrasse 3, 2005-12-06 |
Similar Part No. - AZ821-2C-48DSE |
|
Similar Description - AZ821-2C-48DSE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |