Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ742S-2C-48A Datasheet(PDF) 4 Page - ZETTLER Electronics

Part # AZ742S-2C-48A
Description  8 A DPDT MINIATURE POWER RELAY SMT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ742S-2C-48A Datasheet(HTML) 4 Page - ZETTLER Electronics

  AZ742S-2C-48A Datasheet HTML 1Page - ZETTLER Electronics AZ742S-2C-48A Datasheet HTML 2Page - ZETTLER Electronics AZ742S-2C-48A Datasheet HTML 3Page - ZETTLER Electronics AZ742S-2C-48A Datasheet HTML 4Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AZ742S
Breaking capacity [kVA]
0
0,4
0,8
1,2
1,6
2,0
104
105
106
107
Electrical life at 250 VAC, resistive load
Power factor
1,0
0,9
0,7
0,8
0,2
0,9
1,0
0,8
0,3
cos
j
F
0,3
0,4
0,5
0,6
0,4
0,5
0,6
0,7
Ncos
= N x F
Electrical life reduction factor at inductive AC load
j
DC voltage [V]
10
20
30
40 50
100
200
300
0,1
0,5
1
2
5
8
10
50
Max. DC resistive load breaking capacity
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
2012-03-22


Similar Part No. - AZ742S-2C-48A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742S-2C-48A ZETTLER-AZ742S-2C-48A Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
More results

Similar Description - AZ742S-2C-48A

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ742S ZETTLER-AZ742S Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733 ZETTLER-AZ733 Datasheet
47Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Picker Components
PC459 PICKER-PC459_14 Datasheet
195Kb / 2P
   DPDT Miniature PCB Power Relay
PC459 PICKER-PC459 Datasheet
183Kb / 2P
   DPDT Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com