Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L2340QC20 Datasheet(PDF) 9 Page - LOGIC Devices Incorporated

Part # L2340QC20
Description  Digital Synthesizer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L2340QC20 Datasheet(HTML) 9 Page - LOGIC Devices Incorporated

Back Button L2340QC20 Datasheet HTML 3Page - LOGIC Devices Incorporated L2340QC20 Datasheet HTML 4Page - LOGIC Devices Incorporated L2340QC20 Datasheet HTML 5Page - LOGIC Devices Incorporated L2340QC20 Datasheet HTML 6Page - LOGIC Devices Incorporated L2340QC20 Datasheet HTML 7Page - LOGIC Devices Incorporated L2340QC20 Datasheet HTML 8Page - LOGIC Devices Incorporated L2340QC20 Datasheet HTML 9Page - LOGIC Devices Incorporated L2340QC20 Datasheet HTML 10Page - LOGIC Devices Incorporated L2340QC20 Datasheet HTML 11Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
DEVICES INCORPORATED
Special Arithmetic Functions
9
L2340
Digital Synthesizer
08/16/2000–LDS.2340-E
1. Maximum Ratings indicate stress
specifications only. Functional oper-
ation of these products at values be-
yond those indicated in the Operating
Conditions table is not implied. Expo-
sure to maximum rating conditions for
extended periods may affect reliability.
2. The products described by this spec-
ification include internal circuitry de-
signed to protect the chip from damag-
ing substrate injection currents and ac-
cumulations of static charge. Never-
theless, conventional precautions
should be observed during storage,
handling, and use of these circuits in
order to avoid exposure to excessive
electrical stress values.
3. This device provides hard clamping
of transient undershoot and overshoot.
Input levels below ground or above
VCC
will be clamped beginning at –
0.6 V and VCC + 0.6 V. The device can
withstand indefinite operation with in-
puts in the range of –0.5 V to +7.0 V.
Device operation will not be adversely
affected, however, input current levels
will be well in excess of 100 mA.
4. Actual test conditions may vary
from those designated but operation is
guaranteed as specified.
5. Supply current for a given application
can be accurately approximated by:
where
N = total number of device outputs
C = capacitive load per output
V = supply voltage
F = clock frequency
6. Tested with all outputs changing ev-
ery cycle and no load, at a 20 MHz clock
rate.
7. Tested with all inputs within 0.1 V of
VCC
or Ground, no load.
8. These parameters are guaranteed
but not 100% tested.
NCV F
4
2
NOTES
9. AC specifications are tested with
input transition times less than 3 ns,
output reference levels of 1.5 V (except
tDIS
test), and input levels of nominally
0 to 3.0 V. Output loading may be a
resistive divider which provides for
specified IOH and IOL at an output
voltage of VOH min and VOL max
respectively.
Alternatively, a diode
bridge with upper and lower current
sources of IOH and IOL respectively,
and a balancing voltage of 1.5 V may be
used. Parasitic capacitance is 30 pF
minimum, and may be distributed.
This device has high-speed outputs ca-
pable of large instantaneous current
pulses and fast turn-on/turn-off times.
As a result, care must be exercised in the
testing of this device. The following
measures are recommended:
a. A 0.1 µF ceramic capacitor should be
installed between VCC and Ground
leads as close to the Device Under Test
(DUT) as possible. Similar capacitors
should be installed between device VCC
and the tester common, and device
ground and tester common.
b. Ground and VCC supply planes
must be brought directly to the DUT
socket or contactor fingers.
c. Input voltages should be adjusted to
compensate for inductive ground and VCC
noise to maintain required DUT input
levels relative to the DUT ground pin.
10. Each parameter is shown as a min-
imum or maximum value. Input re-
quirements are specified from the point
of view of the external system driving
the chip. Setup time, for example, is
specified as a minimum since the exter-
nal system must supply at least that
much time to meet the worst-case re-
quirements of all parts. Responses from
the internal circuitry are specified from
the point of view of the device. Output
delay, for example, is specified as a
maximum since worst-case operation of
any device always provides data within
that time.
11. For the tENA test, the transition is
measured to the 1.5 V crossing point
with datasheet loads. For the tDIS test,
the transition is measured to the
±200mV level from the measured
steady-state output voltage with
±10mA loads. The balancing volt-
age, VTH, is set at 3.5 V for Z-to-0
and 0-to-Z tests, and set at 0 V for Z-
to-1 and 1-to-Z tests.
12. These parameters are only tested at
the high temperature extreme, which is
the worst case for leakage current.
S1
IOH
IOL
VTH
CL
DUT
OE
0.2 V
tDIS
tENA
0.2 V
1.5 V
1.5 V
3.5V Vth
1
Z
0
Z
Z
1
Z
0
1.5 V
1.5 V
0V Vth
VOL*
VOH*
VOL*
VOH*
Measured VOL with IOH = –10mA and IOL = 10mA
Measured VOH with IOH = –10mA and IOL = 10mA
FIGURE B. THRESHOLD LEVELS
FIGURE A. OUTPUT LOADING CIRCUIT


Similar Part No. - L2340QC20

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L2340G LODEV-L2340G Datasheet
218Kb / 11P
   Digital Synthesizer
More results

Similar Description - L2340QC20

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
L2340G LODEV-L2340G Datasheet
218Kb / 11P
   Digital Synthesizer
logo
Analog Devices
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314_05 Datasheet
292Kb / 16P
   Direct Digital Synthesizer
logo
Renesas Technology Corp
ISL5314 RENESAS-ISL5314 Datasheet
729Kb / 17P
   Direct Digital Synthesizer
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
logo
Analog Devices
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
HSP45314 INTERSIL-HSP45314 Datasheet
118Kb / 14P
   CommLinkTM Direct Digital Synthesizer
HSP45314 INTERSIL-HSP45314_01 Datasheet
332Kb / 14P
   CommLinkTM Direct Digital Synthesizer
logo
Zoran Corporation
PM-1100 ZORAN-PM-1100 Datasheet
65Kb / 2P
   Precision Digital Modulator/Synthesizer
logo
Analog Devices
AD9913 AD-AD9913_17 Datasheet
723Kb / 32P
   CMOS Direct Digital Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com