Electronic Components Datasheet Search |
|
V12MLA0805L Datasheet(PDF) 11 Page - Littelfuse |
|
V12MLA0805L Datasheet(HTML) 11 Page - Littelfuse |
11 / 11 page Multilayer Transient Voltage Surge Suppressors ML Varistor Series Surface Mount Varistors 150 www .littelfuse .com Tape and Reel Specifications • Conforms to EIA - 481-1, Revision A • Can be supplied to IEC Publication 286 - 3 SYMBOL DESCRIPTION DIMENSIONS IN MILLIMETERS A0 Width of Cavity Dependent on Chip Size to Minimize Rotation. B0 Length of Cavity Dependent on Chip Size to Minimize Rotation. K0 Depth of Cavity Dependent on Chip Size to Minimize Rotation. W Width of Tape 8 ±0.2 F Distance Between Drive Hole Centers and Cavity Centers 3.5 ±0.05 E Distance Between Drive Hole Centers and Tape Edge 1.75 ±0.1 P1 Distance Between Cavity Centers 4 ±0.1 P2 Axial Drive Distance Between Drive Hole Centers & Cavity Centers 2 ±0.1 P0 Axial Drive Distance Between Drive Hole Centers 4 ±0.1 D0 Drive Hole Diameter 1.55 ±0.05 D1 Diameter of Cavity Piercing 1.05 ±0.05 T1 0.1 Max Top Tape Thickness 0402 Size 0603, 0805, 1206 & 1210 Sizes 2 ±0.05 N/A K0 t1 D0 P0 D1 P1 A0 P2 B0 F E W PLASTIC CARRIER TAPE EMBOSSMENT TOP TAPE 8mm NOMINAL PRODUCT IDENTIFYING LABEL 178mm OR 330mm DIA. REEL EMBOSSED PAPER (0402 SIZE ONLY) Next Previous |
Similar Part No. - V12MLA0805L |
|
Similar Description - V12MLA0805L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |