Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0663002. Datasheet(PDF) 1 Page - Littelfuse

Part # 0663002.
Description  Axial Lead and Cartridge Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0663002. Datasheet(HTML) 1 Page - Littelfuse

  0663002. Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Subminiature
Axial Lead and Cartridge Fuses
LT-5™ Time Lag Fuse 663 Series
305
www .littelfuse .com
8
ELECTRICAL CHARACTERISTICS:
% of Ampere
Rating
Time
210%
2 minutes, Maximum
275%
.4 sec Min.; 10 seconds Max
400%
.15 sec Min.; 3 seconds Maximum
1000%
.02 sec Min. .15 seconds Maximum
AGENCY APPROVALS: IEC 60127-3/1: Semko and VDE approved
through 4 amps. Recognized under the Components Program
Underwriters Laboratories and recognized by CSA.
INTERRUPTING RATINGS: 35A or 10X rated current;
whichever is greater.
PACKAGING:
Please refer to the following suffixes when ordering.
Bulk 100 pieces:
Short Lead (Bulk)
HXSL
Long Lead (Bulk)
HXLL
Tape and Reel 750 pieces:
Long Lead (Tape and Reel IEC 286-2)
ZRLL
PATENTED
ORDERING INFORMATION:
Nominal
Nominal
Catalog
Ampere
Voltage
Resistance
Melting I2t
Number
Rating
Rating
Cold Ohms
A2 Sec
0663.050
.050
250
7573
0.03
0663.063
.063
250
4490
0.05
0663.080
.080
250
2648
0.07
0663.100
.100
250
1869
0.08
0663.125
.125
250
1241
0.12
0663.160
.160
250
990
0.24
0663.200
.200
250
718
0.35
0663.250
.250
250
475
0.6
0663.315
.315
250
326
0.8
0663.400
.400
250
239
1.1
0663.500
.500
250
187
2.5
0663.630
.630
250
129
4
0663.800
.800
250
87
8
0663 001.
1.00
250
75
12
0663 1.25
1.25
250
50
15
0663 01.6
1.60
250
36
30
0663 002.
2.00
250
27
34
0663 02.5
2.50
250
20
55
0663 3.15
3.15
250
17
76
0663 004.
4.00
250
12
80
0663 005.
5.00
250
9
230
0663 06.3
6.30
250
7
360
Refer to page 342 for LT-5TM holder information.
8.45
(.333")
4.3
(.169")
1.45
(.057")
5.08
(.200")
8.5
(.335")
0.64
(.025")
18.8
(.740")
8.5
(.335")
8.45
(.333")
0.64
(.025")
5.08
(.200")
1.45
(.057")
0.8
(.031")
0.8
(.031")
3.2
(.126")
100
10
1
0.1
CURRENT IN AMPERES
1000
100
10
1
0.1
0.01
0.05
Average Time Current Curves
V
DE
®
Next
Previous


Similar Part No. - 0663002.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0663002. LITTELFUSE-0663002. Datasheet
124Kb / 2P
   Axial Lead and Cartridge Fuses - Subminiature
More results

Similar Description - 0663002.

ManufacturerPart #DatasheetDescription
logo
Littelfuse
047101.5NRT1L LITTELFUSE-047101.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
047706.3MXP LITTELFUSE-047706.3MXP Datasheet
436Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
04732.25MRT1HF LITTELFUSE-04732.25MRT1HF Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
0473.750YRT1L LITTELFUSE-0473.750YRT1L Datasheet
341Kb / 3P
   Axial Lead & Cartridge Fuses Axial Lead & Cartridge Fuses
322001 LITTELFUSE-322001 Datasheet
30Kb / 1P
   Axial Lead and Cartridge Fuses
313010P LITTELFUSE-313010P Datasheet
76Kb / 1P
   Axial Lead and Cartridge Fuses
314125 LITTELFUSE-314125 Datasheet
64Kb / 1P
   Axial Lead and Cartridge Fuses
2206.750P LITTELFUSE-2206.750P Datasheet
107Kb / 1P
   Axial Lead and Cartridge Fuses
BLF.500 LITTELFUSE-BLF.500 Datasheet
177Kb / 1P
   Axial Lead and Cartridge Fuses
977 LITTELFUSE-977 Datasheet
192Kb / 4P
   Axial Lead and Cartridge Fuses
272 LITTELFUSE-272 Datasheet
93Kb / 1P
   Axial Lead and Cartridge Fuses
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com