Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ762H-1AB-48DS Datasheet(PDF) 3 Page - ZETTLER Electronics

Part # AZ762H-1AB-48DS
Description  16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ762H-1AB-48DS Datasheet(HTML) 3 Page - ZETTLER Electronics

  AZ762H-1AB-48DS Datasheet HTML 1Page - ZETTLER Electronics AZ762H-1AB-48DS Datasheet HTML 2Page - ZETTLER Electronics AZ762H-1AB-48DS Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AZ762H
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
MECHANICAL DATA
5.04
5.04
15.12
* Not used on 1 Form A relay
2.6
5.04
5.04
15.12
8 x ø 1.3
6 x 0.5
2.6
2
1
3
6
4
7
5
8
2
1
4
7
5
8
*
*
12.7 ± 0.3
PC BOARD LAYOUT
WIRING DIAGRAMS
1 Form C
1 Form A
Viewed toward terminals
Viewed toward terminals
29 ± 0.3
2 x 0.5 x 0.5
Dimensions in mm. Tolerance: ± 0.25 mm
2013-02-27


Similar Part No. - AZ762H-1AB-48DS

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ762H-1CB-12D AZETTLER-AZ762H-1CB-12D Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
AZ762H-1CB-12DE AZETTLER-AZ762H-1CB-12DE Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
AZ762H-1CB-12DS AZETTLER-AZ762H-1CB-12DS Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
AZ762H-1CB-12DSE AZETTLER-AZ762H-1CB-12DSE Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
AZ762H-1CB-18D AZETTLER-AZ762H-1CB-18D Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
More results

Similar Description - AZ762H-1AB-48DS

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ764H ZETTLER-AZ764H_13 Datasheet
55Kb / 2P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
AZ764H ZETTLER-AZ764H Datasheet
59Kb / 2P
   16 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
AZ764F ZETTLER-AZ764F Datasheet
94Kb / 4P
   20 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
AZ764F ZETTLER-AZ764F_10 Datasheet
76Kb / 3P
   20 AMP HIGH TEMPERATURE MINIATURE POWER RELAY
AZ762T ZETTLER-AZ762T Datasheet
52Kb / 2P
   16 AMP HIGH INRUSH MINIATURE POWER RELAY
AZ725 ZETTLER-AZ725 Datasheet
57Kb / 2P
   16 AMP MINIATURE POWER RELAY HIGH INRUSH VERSION 120 AMP
logo
American Zettler, Inc.
AZ762H AZETTLER-AZ762H Datasheet
171Kb / 3P
   16 A SPDT MINIATURE HIGH TEMPERATURE POWER RELAY
logo
Tyco Electronics
PCK-112D2M MACOM-PCK-112D2M Datasheet
234Kb / 2P
   Slim 16 Amp Miniature Power PC Board Relay
RT334012F MACOM-RT334012F Datasheet
77Kb / 2P
   16 Amp PC Board Miniature Relay
logo
ZETTLER Electronics
AZ942H ZETTLER-AZ942H_15 Datasheet
497Kb / 2P
   16 AMP MINIATURE PC BOARD RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com