Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ762P1-1CE-9D Datasheet(PDF) 1 Page - ZETTLER Electronics

Part # AZ762P1-1CE-9D
Description  20 AMP LATCHING POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ762P1-1CE-9D Datasheet(HTML) 1 Page - ZETTLER Electronics

  AZ762P1-1CE-9D Datasheet HTML 1Page - ZETTLER Electronics AZ762P1-1CE-9D Datasheet HTML 2Page - ZETTLER Electronics AZ762P1-1CE-9D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
AZ762P
20 AMP LATCHING
POWER RELAY
FEATURES
• Dielectric strength 4000 Vrms
• Low height: 16 mm
• 20 Amp switching
• UL, CUR file E44211
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Set/Reset” value.
3. Specifications subject to change without notice.
4. Initial state of contacts may be changed during transportation or
shock!
CONTACTS
COIL
Life Expectancy
Mechanical
Electrical
Minimum operations
1 x 106
1 x 105
Set Time (typical)
10 ms at nominal coil voltage
Reset Time (typical)
10 ms at nominal coil voltage
Min. Pulse Time
75 ms
Max. Pulse Time
1 min.
Dielectric Strength
(at sea level for 1 min.)
4000 Vrms coil to contact
1000 Vrms between open contacts
Insulation
Resistance
1000 megaohms min. at 20°C
500 VDC 50% RH
Insulation
(according to
DIN VDE 0110,
IEC 60664-1)
C250
Overvoltage category: III
Pollution degree: 3
Nominal voltage: 250 VAC
Ambient Temperature
Operating
At nominal coil voltage
-40°C (-40°F) to 85°C (185°F)
Vibration
0.062” (1.5 mm) DA at 10-55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
13 grams
Packing unit in pcs.
50 per tray / 500 per carton box
Power
At Set/Reset Voltage
(typical)
256 mW (single coil)
384 mW (dual coil)
416 mW (dual coil 24 V)
Temperature
Max. 155°C (311°F) Class F
Arrangement SPDT (1 Form C)
SPST (1 Form A)
Ratings
Resistive load:
Max. switched power:
5000 VA
Max. switched current: 20 A
Max. inrush current “1AT” version: 165 A , 20 ms
500 A, 2 ms
800 A, 200 µs
Max. switched voltage: 125VDC* or 350 VAC
* Note:
If switching voltage is greater than 30 VDC,
special precautions must be taken.
Please contact the factory.
Rated Load
UL, CUR
1 Form A
20 A at 250 VAC, resistive, 20k cycles, 70°C [1]
16 A at 250 VAC, resistive, 100k cycles, 85°C [1]
6 A at 277 VAC, tungsten, 6k cycles, 40°C [1]
6 A at 277 VAC, standard ballast, 6k cycles, 40°C [1]
1.5 HP at 250 VAC, 40°C [1]
3300 W at 277 VAC, electronic ballast, 20k cycles,
40°C [2]
3000 W at 220 VAC, tungsten, 6k cycles, 40°C [2]
1500 W at 347 VAC, standard ballast, 20k cycles,
40°C [2]
1 Form C (normally open)
20 A at 250 VAC, resistive, 20k cycles, 70°C [1]
16 A at 250 VAC, resistive, 100k cycles, 85°C [1]
1 Form C (normally closed)
16 A at 250 VAC, resistive, 50k cycles, 85°C [1]
Material
Silver tin oxide [1], Silver tin oxide + tungsten [2]
Resistance
< 20 milliohms initially
GENERAL DATA
2013-07-18


Similar Part No. - AZ762P1-1CE-9D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ762P1-1CE-12D AZETTLER-AZ762P1-1CE-12D Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
AZ762P1-1CE-12DE AZETTLER-AZ762P1-1CE-12DE Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
AZ762P1-1CE-24D AZETTLER-AZ762P1-1CE-24D Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
AZ762P1-1CE-24DE AZETTLER-AZ762P1-1CE-24DE Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
AZ762P1-1CE-3D AZETTLER-AZ762P1-1CE-3D Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ762P1-1CE-9D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2510 AZETTLER-AZ2510 Datasheet
125Kb / 2P
   100 AMP LATCHING POWER RELAY
AZ2501L AZETTLER-AZ2501L Datasheet
305Kb / 3P
   60 AMP LATCHING POWER RELAY
logo
ZETTLER Electronics
AZ2501P1 ZETTLER-AZ2501P1 Datasheet
74Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
American Zettler, Inc.
AZ2500 AZETTLER-AZ2500 Datasheet
192Kb / 3P
   60 AMP LATCHING POWER RELAY
AZ2501 AZETTLER-AZ2501 Datasheet
167Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
ZETTLER Electronics
AZ2501P2 ZETTLER-AZ2501P2 Datasheet
74Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
Picker Components
PC12 PICKER-PC12 Datasheet
549Kb / 2P
   80 Amp PCB Latching Relay
PC25L-200 PICKER-PC25L-200 Datasheet
426Kb / 2P
   200 Amp Latching PCB Relay
PC10L-50 PICKER-PC10L-50 Datasheet
459Kb / 2P
   50 Amp Latching PCB Relay
PC10 PICKER-PC10 Datasheet
522Kb / 3P
   50 Amp Latching PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com