Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ743-2C-48D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ743-2C-48D
Description  10 AMP DPDT MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ743-2C-48D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ743-2C-48D Datasheet HTML 1Page - ZETTLER Electronics AZ743-2C-48D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AZ743
MECHANICAL DATA
5.04
5.04
15.12
* Not used on 2 Form A relay
2.6
5.04
5.04
15.12
8 x ø 1.3
6 x 0.5
2.6
*
*
12.7 ± 0.3
PC BOARD LAYOUT
Viewed toward terminals
29 ± 0.3
2 x 0.5 x 0.5
5
WIRING DIAGRAMS
1
2
7
4
6
3
8
5
1
2
7
4
8
2 Form A
2 Form C
Viewed toward terminals
RELAY ORDERING DATA
COIL SPECIFICATIONS - DC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
2 Form A
2 Form C
VDC
VDC
VDC
Ohm ± 10%
5
3.5
10.2
62
AZ743–2A–5D
AZ743–2C–5D
6
4.2
12.3
90
AZ743–2A–6D
AZ743–2C–6D
9
6.3
18.3
200
AZ743–2A–9D
AZ743–2C–9D
12
8.4
24.7
360
AZ743–2A–12D
AZ743–2C–12D
24
16.8
49.4
1,440
AZ743–2A–24D
AZ743–2C–24D
48
33.6
98.0
5,760
AZ743–2A–48D
AZ743–2C–48D
60
42.0
112.9
7,500
AZ743–2A–60D
AZ743–2C–60D
110
77.0
206.9
25,200
AZ743–2A–110D
AZ743–2C–110D
COIL SPECIFICATIONS - AC COIL
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Nominal Current
Coil Resistance
2 Form A
2 Form C
VAC
VAC
VAC
mA ± 10%
Ohm ± 15%
24
18.0
31.2
31.6
350
AZ743–2A–24AF
AZ743–2C–24AF
115
86.3
149.5
6.6
8,100
AZ743–2A–115AF
AZ743–2C–115AF
230
172.5
299.0
3.2
32,500
AZ743–2A–230AF
AZ743–2C–230AF
* “2A” or “2C” denote silver cadmium oxide contacts.
Add suffix “E” to “2A” or “2C” for silver tin oxide contacts.
Add suffix “B” to “2A” or “2C” for silver nickel contacts.
Add suffix “E” at the end of order number (DC coils) or before “F” (AC coils) for sealed version.
Add suffix “A” at the end of order number (DC coils) or before “F” (AC coils) for gold plated contacts.
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
2013-02-27
Dimensions in millimeters. Tolerance: ± 0.25 mm


Similar Part No. - AZ743-2C-48D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ743-2C-48D AZETTLER-AZ743-2C-48D Datasheet
183Kb / 3P
   10 AMP DPDT MINIATURE POWER RELAY
AZ743-2C-48DE AZETTLER-AZ743-2C-48DE Datasheet
183Kb / 3P
   10 AMP DPDT MINIATURE POWER RELAY
More results

Similar Description - AZ743-2C-48D

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ743 AZETTLER-AZ743 Datasheet
183Kb / 3P
   10 AMP DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ733 ZETTLER-AZ733 Datasheet
47Kb / 2P
   DPDT MINIATURE POWER RELAY
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com