Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ762P1-1AE-3D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ762P1-1AE-3D
Description  20 AMP LATCHING POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ762P1-1AE-3D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ762P1-1AE-3D Datasheet HTML 1Page - ZETTLER Electronics AZ762P1-1AE-3D Datasheet HTML 2Page - ZETTLER Electronics AZ762P1-1AE-3D Datasheet HTML 3Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZETTLER electronics GmbH
Junkersstr. 3, D-82178 Puchheim, Germany
phone:
+49 89 800 97-0
fax:
+49 89 800 97-200
office@ZETTLERelectronics.com
www.ZETTLERelectronics.com
This product specification to be used only together with the application notes
which can be downloaded from http://www.ZETTLERelectronics.com/pdfs/relais/ApplicationNotes.pdf
AZ762P
SINGLE COIL LATCHING
COIL SPECIFICATION
ORDER NUMBER*
Nominal Coil
VDC
Set/Reset
VDC
Max. Continuous
VDC
Coil Resistance
Ohm ± 10%
1 Form A
1 Form C
3
2.4
3.9
22.5
AZ762P1-1AE-3D
AZ762P1-1CE-3D
5
4.0
6.5
62.5
AZ762P1-1AE-5D
AZ762P1-1CE-5D
6
4.8
7.8
90
AZ762P1-1AE-6D
AZ762P1-1CE-6D
9
7.2
11.7
202
AZ762P1-1AE-9D
AZ762P1-1CE-9D
12
9.6
15.6
360
AZ762P1-1AE-12D
AZ762P1-1CE-12D
24
19.2
31.2
1,440
AZ762P1-1AE-24D
AZ762P1-1CE-24D
* “1AE” or “1CE” denote silver tin oxide contacts.
Substitute “1AT” in place of “1AE” for silver tin oxide contacts with tungsten premake contact.
Add suffix “E” at the end of the order number for sealed version.
Add suffix “K” at the end of the order number for 3.5 mm pin spacing version. (not available for “1AT” version)
Add suffix “R” at the end of the order number for reversed polarity coil.
2013-07-18
RELAY ORDERING DATA
DUAL COIL LATCHING
COIL SPECIFICATION
ORDER NUMBER*
Nominal Coil
VDC
Set/Reset
VDC
Max. Continuous
VDC
Coil Resistance
Ohm ± 10%
1 Form A
1 Form C
3
2.4
3.9
15
AZ762P2-1AE-3D
AZ762P2-1CE-3D
5
4.0
6.5
42
AZ762P2-1AE-5D
AZ762P2-1CE-5D
6
4.8
7.8
60
AZ762P2-1AE-6D
AZ762P2-1CE-6D
9
7.2
11.7
135
AZ762P2-1AE-9D
AZ762P2-1CE-9D
12
9.6
15.6
240
AZ762P2-1AE-12D
AZ762P2-1CE-12D
24
19.2
31.2
886
AZ762P2-1AE-24D
AZ762P2-1CE-24D
WIRING DIAGRAM
Single coil latching
4
6
3
Viewed toward terminals
4
3
2(-)
1(+)
4
3
2(+)
1(-)
2(-)
1(+)
6
4
3
2(+)
1(-)
Single coil latching
1 FORM C
Dual coil latching
4
6
3
1 FORM A
4
3
5(+)
1(-)
4
3
2(-)
5(+)
6
4
3
Dual coil latching
5(+)
1(-)
2(-)
5(+)
4
6
3
4
3
2(+)
1(-)
4
3
2(-)
1(+)
2(+)
1(-)
6
4
3
2(-)
1(+)
4
6
3
4
3
5(-)
1(+)
4
3
2(+)
5(-)
6
4
3
5(-)
1(+)
2(+)
5(-)
Standard Polarity
Reversed Polarity
SET
RESET
SET
RESET
SET
RESET
SET
RESET
SET
RESET
SET
RESET
SET
RESET
SET
RESET
Contact positions are shown in energized coil state.


Similar Part No. - AZ762P1-1AE-3D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ762P1-1CE-12D AZETTLER-AZ762P1-1CE-12D Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
AZ762P1-1CE-12DE AZETTLER-AZ762P1-1CE-12DE Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
AZ762P1-1CE-24D AZETTLER-AZ762P1-1CE-24D Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
AZ762P1-1CE-24DE AZETTLER-AZ762P1-1CE-24DE Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
AZ762P1-1CE-3D AZETTLER-AZ762P1-1CE-3D Datasheet
1Mb / 3P
   20 A SPDT MINIATURE POWER RELAY
More results

Similar Description - AZ762P1-1AE-3D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ2510 AZETTLER-AZ2510 Datasheet
125Kb / 2P
   100 AMP LATCHING POWER RELAY
AZ2501L AZETTLER-AZ2501L Datasheet
305Kb / 3P
   60 AMP LATCHING POWER RELAY
logo
ZETTLER Electronics
AZ2501P1 ZETTLER-AZ2501P1 Datasheet
74Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
American Zettler, Inc.
AZ2500 AZETTLER-AZ2500 Datasheet
192Kb / 3P
   60 AMP LATCHING POWER RELAY
AZ2501 AZETTLER-AZ2501 Datasheet
167Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
ZETTLER Electronics
AZ2501P2 ZETTLER-AZ2501P2 Datasheet
74Kb / 3P
   50 AMP LATCHING POWER RELAY
logo
Picker Components
PC12 PICKER-PC12 Datasheet
549Kb / 2P
   80 Amp PCB Latching Relay
PC25L-200 PICKER-PC25L-200 Datasheet
426Kb / 2P
   200 Amp Latching PCB Relay
PC10L-50 PICKER-PC10L-50 Datasheet
459Kb / 2P
   50 Amp Latching PCB Relay
PC10 PICKER-PC10 Datasheet
522Kb / 3P
   50 Amp Latching PCB Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com