Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ733-2C-110D Datasheet(PDF) 2 Page - ZETTLER Electronics

Part # AZ733-2C-110D
Description  DPDT MINIATURE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETTLER [ZETTLER Electronics]
Direct Link  http://www.zettlerelectronics.com
Logo ZETTLER - ZETTLER Electronics

AZ733-2C-110D Datasheet(HTML) 2 Page - ZETTLER Electronics

  AZ733-2C-110D Datasheet HTML 1Page - ZETTLER Electronics AZ733-2C-110D Datasheet HTML 2Page - ZETTLER Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2010-12-17
ZETTLER electronics GmbH
Fax +49 89 800 97 200
www.ZETTLERelectronics.com
office@ZETTLERelectronics.com
0
97
800
89
+49
Tel.
Germany
Puchheim,
D-82178
Junkersstrasse 3,
AZ733
RELAY ORDERING DATA
COIL SPECIFICATIONS
ORDER NUMBER*
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Form A
Form C
VDC
VDC
VDC
Ohm
(DPST)
(DPDT)
3
2.1
5.7
17 ± 10%
AZ733–2A–3D
AZ733–2C–3D
5
3.5
9.4
47 ± 10%
AZ733–2A–5D
AZ733–2C–5D
6
4.2
11.4
68 ± 10%
AZ733–2A–6D
AZ733–2C–6D
9
6.3
17.4
160 ± 10%
AZ733–2A–9D
AZ733–2C–9D
12
8.4
22.8
275 ± 10%
AZ733–2A–12D
AZ733–2C–12D
18
12.6
27.9
650 ± 10%
AZ733–2A–18D
AZ733–2C–18D
24
16.8
45.7
1,100 ± 15%
AZ733–2A–24D
AZ733–2C–24D
48
33.6
89.0
4,170 ± 15%
AZ733–2A–48D
AZ733–2C–48D
60
42.0
115.3
7,000 ± 15%
AZ733–2A–60D
AZ733–2C–60D
110
79.3
170.5
22,900 ± 15%
AZ733–2A–110D
AZ733–2C–110D
* Add suffix “B” to “2A” or “2C” for silver nickel contacts.
Add suffix “E” to “2A” or “2C” for silver tin oxide contacts.
Add suffix “E” for epoxy sealed version.
MECHANICAL DATA
8
1
8
76
5
1
2
3
4
65
3
4
1.14
(29)
.08
(2.1)
(Form C only)
.590
(15)
.197
(5)
.197
(5)
.295 (7.5)
Terminal No.
1,2,4,5,7,8
3,6
Dimensions Tol.: ± 0.005 (0.13)
0.018 (0.457) x 0.038 (0.965)
0.011 (0.279) x 0.038 (0.965)
Form A
WIRING DIAGRAM
PC BOARD LAYOUT
Form C
Viewed toward terminals
Viewed toward terminals
.51
(13)
8 x ø .05
[ø 1.3]
Dimensions in inches with metric equivalents in parentheses. Tolerance: ± .010"


Similar Part No. - AZ733-2C-110D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ733-2C-110D ETC-AZ733-2C-110D Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ733-2C-110D AZETTLER-AZ733-2C-110D Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
More results

Similar Description - AZ733-2C-110D

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ733 AZETTLER-AZ733 Datasheet
117Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ733 ETC-AZ733 Datasheet
85Kb / 2P
   DPDT MINIATURE POWER RELAY
logo
Picker Components
PC459 PICKER-PC459_14 Datasheet
195Kb / 2P
   DPDT Miniature PCB Power Relay
PC459 PICKER-PC459 Datasheet
183Kb / 2P
   DPDT Miniature PCB Power Relay
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
AZ743 ZETTLER-AZ743_13 Datasheet
47Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
AZ743 AZETTLER-AZ743 Datasheet
183Kb / 3P
   10 AMP DPDT MINIATURE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com