Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CR1500SB Datasheet(PDF) 1 Page - Littelfuse

Part # CR1500SB
Description  The CR range of protectors are based on the proven technology of the T10 thyristor product
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CR1500SB Datasheet(HTML) 1 Page - Littelfuse

  CR1500SB Datasheet HTML 1Page - Littelfuse CR1500SB Datasheet HTML 2Page - Littelfuse CR1500SB Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
52
www .littelfuse .com
CRxxxx series
Description
The CR range of protectors are based on the proven
technology of the T10 thyristor product. Designed for
transient voltage protection of telecommunications
equipment, it provides higher power handling than a
conventional avalanche diode (TVS) and when compared to
a GDT offers lower voltage clamping levels and infinite surge
life.
Packaged in a transfer molded DO-214AA surface mount
outline designed for high speed pick & place machines used
in today’s surface mount assembly lines.
Electrical Charecteristics
The electrical characteristics of a CRXXXX device is similar
to that of a self gated Triac, but the CR is a two terminal
device with no gate. The gate function is achieved by an
internal current controlled mechanism.
Like the T.T.S. diodes, the CRXXXX has a standoff voltage
(Vrm) which should be equal to or greater than the operating
voltage of the system to be protected. At this voltage (Vrm)
the current consumption of the CRXXXX is negligible and will
not effect the protected system.
When a transient occurs, the voltage across the CRXXXX
will increase until the breakdown voltage (Vbr) is reached. At
this point the device will operate in a similar way to a T.V.S.
device and is in an avalanche mode.
The voltage of the transient will now be limited and will only
increase by a few volts as the device diverts more current.
As this transient current rises, a level of current through the
device is reached (Ibo) which causes the device to switch to
a fully conductive state such that the voltage across the
device is now only a few volts (Vt). The voltage at which the
device switches from the avalanche mode to the fully
conductive state (Vt) is known as the Breakover Voltage
(Vbo). When the device is in the Vt state, high currents can
be deverted without damage to the CRXXXX due to the low
voltage across the device, since the limiting factor in such
devices is dissipated power (V x I).
Resetting of the device to the non conducting state is
controlled by the current flowing through the device. When
the current falls below a certain value, known as the Holding
Current (Ih), the device resets automatically.
As with the avalanche T.V.S. device, if the CRXXXX is
subjected to a surge current which is beyond its maximum
rating, then the device will fail in short circuit mode, this
ensures that the equipment is ultimately protected.
Selecting A CRXXXX
1. When selecting a CRXXXX device, it is important that the
Vrm of the device is equal to or greater than the operating
voltage of the system.
2. The minimum Holding Current (Ih) must be greater than
the current the system is capable of delivering otherwise the
device will remain conducting following a transient condition.
VBR
MIN
VRM
VBO
IRM
IBO
I
VT
H
IT
V-I Graph
Illustrating Symbols
and Terms for
the CR Surge
Protection Device.
The CRXXXX Range Can Be Used to Protect Against Surges As Defined In The Following International Standards.
SA
SB
SC
FCC Rules Part 68/D
Metallic
10/560µs
50A
100A
100A
Longitudinal
10/160µs
100A
150A
200A
Bellcore Specification
TR-NWT-001089
10/1000µs
37A
75A
100A
2/10µs
-
-
500A
100v/µs
1KV
1KV
1KV
ITU K-17 (Formerly CCITT)
Voltage Wave Form
100/700µs
-
1.5KV
1.5KV
Current Wave Form
5/310µs
-
38A
38A
VDE 0433
Voltage Wave Form
10/700µs
-
2KV
4.0KV
Current Wave Form
5/310µs
-
50A
100A
C-NET 131-24
Voltage Wave From
0.5/700µs
1.0KV
1.0KV
4.0KV
Current Wave Form
0.8/310µs
25A
25A
100A
IEC 1000-4-5
(Discharge through 2
Ω impendance) I
8/20µs
-
100A
250A
Voltage Wave Form
1-2/50µs
-
300V
500V
ITU K-20
Voltage Wave Form
10/700µs
1000V
10000V
4000V
(Formerly CCITT)
Current Wave Form
5/310µs
25A
25A
100A


Similar Part No. - CR1500SB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR1500SB ETC1-CR1500SB Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
More results

Similar Description - CR1500SB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2168 STMICROELECTRONICS-AN2168 Datasheet
201Kb / 15P
   The ST10F27x MCUs are derivatives of the STMicroelectronics
AN2021 STMICROELECTRONICS-AN2021 Datasheet
880Kb / 39P
   The ST10F272B and ST10F272E are members of the STMicroelectronics
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
   Robotics: Discover the Science and Technology of the Future
6??1??7
logo
STMicroelectronics
STEVAL-IPC004V1 STMICROELECTRONICS-STEVAL-IPC004V1 Datasheet
413Kb / 14P
   Handheld point-of-sale (POS) based on the STM32F107VC
October 2012 Rev 1
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
   The benefits and features of the TCS3771 are listed below
logo
Siemens Semiconductor G...
SC132E6 SIEMENS-SC132E6 Datasheet
101Kb / 3P
   SIEMENS ANNOUNCES A SUB-MICTON GENERATION OF CHANNELLESS GATE-ARRAYS BASED ON THE PROVEN MEGALOGIC PROCESS
logo
National Semiconductor ...
AN-2026 NSC-AN-2026 Datasheet
450Kb / 8P
   The Effect of PCB Design on the Thermal Performance of SIMPLE SWITCHER
logo
PHOENIX CONTACT
1758018 PHOENIX-1758018 Datasheet
150Kb / 6P
   The figure shows a 10-position version of the product
1786543 PHOENIX-1786543 Datasheet
157Kb / 6P
   The figure shows a 10-position version of the product
1701511 PHOENIX-1701511 Datasheet
180Kb / 5P
   The figure shows a 5-pos. version of the product
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com