Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4946 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # 1N4946
Description  GLASS PASSIVATED SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N4946 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  1N4946 Datasheet HTML 1Page - Central Semiconductor Corp 1N4946 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N4942
1N4945
1N4947
1N4943
1N4946
1N4948
1N4944
FAST RECOVERY
GLASS PASSIVATED
SILICON RECTIFIERS
1.0 AMP, 200 THRU 1000 VOLT
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 1N4942 series
types are silicon rectifiers mounted in a hermetically
sealed, glass passivated package, designed for general
purpose applications where fast reverse recovery times
and high reliability is desired.
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
SYMBOL 1N4942 1N4943 1N4944 1N4945 1N4946 1N4947 1N4948 UNITS
Peak Repetitive Reverse Voltage
VRRM
200
300
400
500
600
800
1000
V
DC Blocking Voltage
VR
200
300
400
500
600
800
1000
V
RMS Reverse Voltage
VR(RMS) 140
210
280
350
420
560
700
V
Average Forward Current (TA=55°C)
IO
1.0
A
Peak Forward Surge Current
IFSM
50
A
Operating and Storage
Junction Temperature
TJ, Tstg
-65 to +200
°C
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MAX
UNITS
IR
VR=Rated VRRM
1.0
μA
VF
IF=1.0A
1.3
V
CJ
VR=12V, f=1.0MHz
45
pF
trr
IF=0.5A, IR=1.0A, Irr=0.25A (1N4942 thru 1N4945)
150
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (1N4946, 1N4947)
250
ns
trr
IF=0.5A, IR=1.0A, Irr=0.25A (1N4948)
500
ns
MARKING: FULL PART NUMBER
GPR-1A CASE
R1 (28-February 2013)
www.centr a lsemi.com


Similar Part No. - 1N4946

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
1N4946 DGNJDZ-1N4946 Datasheet
219Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
1N4946 PANJIT-1N4946 Datasheet
55Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 200 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Semtech Corporation
1N4946 SEMTECH-1N4946 Datasheet
91Kb / 2P
   Axial Leaded Hermetically Sealed Fast Recovery Rectifier Diodes
logo
Pan Jit International I...
1N4946 PANJIT-1N4946 Datasheet
69Kb / 2P
   FAST RECOVERY PLASTIC RECTIFIER
logo
Nantong Hornby Electron...
1N4946 HORNBY-1N4946 Datasheet
230Kb / 3P
   FAST RECOVERY RECTIFIER
More results

Similar Description - 1N4946

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
JD100005 HY-JD100005_17 Datasheet
133Kb / 3P
   SILICON RECTIFIERS GLASS PASSIVATED RECTIFIERS
JD10001 HY-JD10001_17 Datasheet
133Kb / 3P
   SILICON RECTIFIERS GLASS PASSIVATED RECTIFIERS
logo
Central Semiconductor C...
1N5550 CENTRAL-1N5550 Datasheet
296Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5614 CENTRAL-1N5614 Datasheet
410Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5059 CENTRAL-1N5059_15 Datasheet
412Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
1N5615 CENTRAL-1N5615 Datasheet
411Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RL1601 SEMTECH_ELEC-RL1601 Datasheet
260Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
RL201G SEMTECH_ELEC-RL201G Datasheet
240Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
logo
Central Semiconductor C...
1N5624 CENTRAL-1N5624 Datasheet
295Kb / 2P
   silicon glass passivated rectifiers
CPR1-010 CENTRAL-CPR1-010 Datasheet
412Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com