Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L15S12 Datasheet(PDF) 4 Page - Littelfuse

Part # L15S12
Description  Semiconductor Fuses
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L15S12 Datasheet(HTML) 4 Page - Littelfuse

  L15S12 Datasheet HTML 1Page - Littelfuse L15S12 Datasheet HTML 2Page - Littelfuse L15S12 Datasheet HTML 3Page - Littelfuse L15S12 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
83
F
G
A
B
C
E
J
H
Fig. 4
Semiconductor Fuses
150/250/500/600/700 VAC s Very Fast-Acting s 1 – 1000 Amperes
ABCD
E
F
G
H
J
10 – 30
1
2
1/2
9/16
—————
(50.8)
(12.7)
(14.3)
31 – 60
3
2-7/8
3-7/16 3-25/32
4-3/8
1
43/64
11/32
1/8
(73.0)
(87.3)
(96.0) (111.1) (25.4)
(17.1)
(8.7)
(3.2)
61 – 100
3
2-7/8
3-9/16 3-11/16
4-3/8
1-7/32
29/32
5/16
3/16
(73.0)
(90.5)
(93.7) (111.1) (31.0)
(22.9)
(7.9)
(4.8)
101 – 200
3
2-27/32 3-17/32 4-5/32
5-3/32
1-1/2
1
13/32
1/4
(72.2)
(89.7) (105.6) (129.4) (38.1)
(25.4)
(10.3)
(6.4)
201 – 400
3
2-27/32 3-17/32 4-5/32
5-3/32
2
1-1/2
13/32
1/4
(72.2)
(89.7) (105.6) (129.4)
(50.8)
(38.1)
(10.3)
(6.4)
401 – 600
3
2-27/32 4-29/32
5-1/4
7-3/32
2-1/2
2
17/32
3/8
(72.2) (124.6) (133.4) (180.2) (63.5)
(50.8)
(13.5)
(9.5)
601 – 800
4
3-5/16
5-5/16 6-13/16
2-7/8
2
5/8
3/8
5/16
(84.1) (134.9) (173.0)
(73.0)
(50.8)
(15.9)
(9.5)
(7.9)
AMPERE
RATING
DIMENSIONS IN INCHES (mm in parentheses)
FIG.
NO.
L70S SERIES, 700 VOLTS AC / 650 VOLTS DC
ABC
D
E
F
G
H
1 – 30
2
1-7/8
2-1/2
2-7/8
9/16
13/32
1/4
3/64
(47.6)
(63.5)
(73.0)
(14.3)
(10.3)
(6.4)
(1.2)
31 – 60
2
2-3/4
3-3/8
3-5/8
4-5/16
13/16
23/32
11/32
1/8
(69.9)
(85.7)
(92.1)
(109.5)
(20.6)
(18.3)
(8.7)
(3.2)
61 – 100
3
2-7/8
3-21/32
4-1/16
5
1
3/4
13/32
1/8
(73.0)
(92.9)
(103.2)
(127.0)
(25.4)
(19.1)
(10.3)
(3.2)
101 – 200
3
2-27/32 3-17/32
4-3/8
5-3/32
1-1/2
1
13/32
1/4
(72.2)
(89.7)
(111.1)
(129.4)
(38.1)
(25.4)
(10.3)
(6.4)
201 – 400
3
2-27/32 4-21/32 4-27/32
6-1/4
2
1-5/8
9/16
1/4
(72.2)
(118.3)
(123.0)
(158.8)
(50.8)
(41.3)
(14.3)
(6.4)
401 – 800
3
2-27/32 4-21/32 5-11/32
6-1/4
2-1/2
2
9/16
3/8
(72.2)
(118.3)
(135.7)
(158.8)
(63.5)
(50.8)
(14.3)
(9.5)
AMPERE
RATING
DIMENSIONS IN INCHES (mm in parentheses)
FIG.
NO.
KLC SERIES, 600 VOLTS AC
ABC
D
E
F
G
H
1 – 30
1
5
5/8
13/16
————
(127.0)
(15.9)
(20.6)
31 – 60
2
2-25/32
3-7/16
3-11/16
4-3/8
13/16
23/32
11/32
1/8
(70.6)
(87.3)
(93.7)
(111.1)
(20.6)
(18.3)
(8.7)
(3.2)
61 – 100
2
2-29/32 3-17/32 3-25/32 4-15/32
1-1/16
23/32
11/32
1/8
(73.8)
(89.7)
(96.0)
(113.5)
(27.0)
(18.3)
(8.7)
(3.2)
101 – 200
2
2-29/32
3-9/16
3-3/4
4-13/32
1-5/16
1
5/16
3/16
(73.8)
(90.5)
(95.3)
(111.9)
(33.3)
(25.4)
(7.9)
(4.8)
201 – 400
2
2-29/32 3-31/32
4-5/32
5-1/8
1-37/64
1
13/32
1/4
(73.8)
(100.8)
(105.6)
(130.2)
(40.1)
(25.4)
(10.3)
(6.4)
401 – 600
2
2-7/8
3-31/32
4-9/64
5-1/8
2-1/16
1-1/2
13/32
1/4
(73.0)
(100.8)
(105.2)
(130.2)
(52.8)
(38.1)
(10.3)
(6.4)
601 – 800
2
3-1/32
5-5/32
5-11/32
7-1/4
2-1/2
2
17/32
3/8
(77.0)
(133.4)
(135.7)
(184.2)
(63.5)
(50.8)
(13.5)
(9.5)
AMPERE
RATING
DIMENSIONS IN INCHES (mm in parentheses)
FIG.
NO.
L60S SERIES, 600 VOLTS AC
A
B
C
D
F
G
E
H
Fig. 3


Similar Part No. - L15S12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L15S12 LITTELFUSE-L15S12 Datasheet
890Kb / 9P
   Traditional Semiconductor Fuses Very Fast-Acting 1 ??1200 Amperes
L15S125 LITTELFUSE-L15S125 Datasheet
627Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
L15S125.T LITTELFUSE-L15S125.T Datasheet
627Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED 150 V ac ? Very Fast-Acting ? 1?1000 A
Rev: 041819
L15S125.T LITTELFUSE-L15S125.T Datasheet
680Kb / 10P
   L15S SERIES TRADITIONAL HIGH-SPEED
Rev: 041819
More results

Similar Description - L15S12

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA50QS250-4TI LITTELFUSE-LA50QS250-4TI Datasheet
375Kb / 2P
   LA50QS Semiconductor Fuses
logo
List of Unclassifed Man...
A60X ETC2-A60X Datasheet
435Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
A150X ETC2-A150X Datasheet
511Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A25X ETC2-A25X Datasheet
464Kb / 5P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS400-4TI LITTELFUSE-LA15QS400-4TI Datasheet
393Kb / 2P
   LA15QS Semiconductor Fuses
logo
List of Unclassifed Man...
URGG ETC2-URGG Datasheet
347Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
logo
Littelfuse
LA15QS3004TI LITTELFUSE-LA15QS3004TI Datasheet
113Kb / 2P
   LA15QS Semiconductor Fuses
2005
LA70QS150-4 LITTELFUSE-LA70QS150-4 Datasheet
375Kb / 2P
   LA70QS Semiconductor Fuses
logo
List of Unclassifed Man...
A50P ETC2-A50P Datasheet
226Kb / 2P
   SEMICONDUCTOR PROTECTION FUSES
A50QS ETC2-A50QS Datasheet
483Kb / 4P
   SEMICONDUCTOR PROTECTION FUSES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com