Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V9MLN41206 Datasheet(PDF) 1 Page - Littelfuse

Part # V9MLN41206
Description  Multiline Transient Voltage Surge Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V9MLN41206 Datasheet(HTML) 1 Page - Littelfuse

  V9MLN41206 Datasheet HTML 1Page - Littelfuse V9MLN41206 Datasheet HTML 2Page - Littelfuse V9MLN41206 Datasheet HTML 3Page - Littelfuse V9MLN41206 Datasheet HTML 4Page - Littelfuse V9MLN41206 Datasheet HTML 5Page - Littelfuse V9MLN41206 Datasheet HTML 6Page - Littelfuse V9MLN41206 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
3
Surface Mount Varistors
151
www .littelfuse .com
Multiline Transient Voltage Surge Suppressor
MLN SurgeArray
Suppressor
The MLN SurgeArraySuppressor is designed to help protect compo-
nents from transient voltages that exist at the circuit board level. This
device provides four independent suppressors in a single “1206” leadless
chip in order to reduce part count and placement time as well as save
space on printed circuit boards.
SurgeArraydevices are intended to suppress ESD, EFT and other
transients in order to protect integrated circuits or other sensitive
components operating at any voltage up to 18VDC. SurgeArray devices
are rated to the IEC 61000-4-2 human body model ESD to help products
attain EMC compliance. The array offers excellent isolation and low
crosstalk between sections.
The inherent capacitance of the SurgeArray Suppressor permits it to
function as a filter/suppressor, thereby replacing separate zener/
capacitor combinations.
The MLN array is manufactured using the Littelfuse Multilayer technology
process and is similar to the Littelfuse ML and MLE Series of discrete
leadless chips.
The MLN can also be provided in a Dual version. Contact Littelfuse
for information.
Features
• Four Individual Devices in One 1206 Chip
• ESD Rated to IEC 61000-4-2 (Level 4)
• AC Characterized for Impedance and Capacitance
• Low Adjacent Channel Crosstalk, -55dB at 10MHz (Typ)
• Low Leakage (6nA at 5.5V, 30nA at 15V)
• Operating Voltage up to 18VM(DC)
• -55oC to 125oC Operating Temperature Range
• Low-Profile, PCMCIA Compatible
Applications
• Data, Diagnostic I/O Ports
• Analog Signal/Sensor Lines
• Portable/Hand-Held Products
• Mobile Communications/Cellular Phones
• Computer/DSP Products
• Industrial Instruments Including Medical
Next
Previous


Similar Part No. - V9MLN41206

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V9MLN41206 LITTELFUSE-V9MLN41206 Datasheet
1Mb / 7P
   MLN SurgeArray??Suppressor
V9MLN41206 LITTELFUSE-V9MLN41206 Datasheet
587Kb / 6P
   Surface Mount Multilayer Varistors (MLVs) > MLN Series
V9MLN41206 LITTELFUSE-V9MLN41206 Datasheet
587Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLN Series
V9MLN41206WH LITTELFUSE-V9MLN41206WH Datasheet
587Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLN Series
More results

Similar Description - V9MLN41206

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
logo
Littelfuse
V18AUMLA1206 LITTELFUSE-V18AUMLA1206_06 Datasheet
1Mb / 9P
   Multilayer Transient Voltage Surge Suppressor
logo
STMicroelectronics
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com