Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT7403A-UR-A Datasheet(PDF) 4 Page - Marktech Corporate

Part # MT7403A-UR-A
Description  ROUND LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT7403A-UR-A Datasheet(HTML) 4 Page - Marktech Corporate

  MT7403A-UR-A_15 Datasheet HTML 1Page - Marktech Corporate MT7403A-UR-A_15 Datasheet HTML 2Page - Marktech Corporate MT7403A-UR-A_15 Datasheet HTML 3Page - Marktech Corporate MT7403A-UR-A_15 Datasheet HTML 4Page - Marktech Corporate MT7403A-UR-A_15 Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
REV.: 02
Date: 2006/04/24
Page: 3/
Typical Electrical / Optical Characteristics Curves :
Applied Voltage (V)
FORWARD CURRENT VS.APPLIED VOLTAGE
10
20
40
30
50
1.2
1.6
2.0
2.4
2.8
3.2
20.0
Forward Current (mA)
FORWARD CURRENT VS. LUMINOUS INTENSITY
10.0
0
50
100
200
150
250
30.0
0.0
FORWARD CURRENT VS. AMBIENT TEMPERATURE
0
20
40
60
100
80
10
20
40
30
50
Temperature (℃)
RADIATION DIAGRAM
80°
90°
60°
70°
50°
30°
40°
0.1
0.5
0.7
0.8
0.3
1.0
0.9
0.4
0.2
0.6
10°
20°
3.0mm ROUND
LED LAMP


Similar Part No. - MT7403A-UR-A_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT7403A-UR-A MARKTECH-MT7403A-UR-A Datasheet
183Kb / 3P
   Ultra Bright LEDs
MT7403A-UR-A MARKTECH-MT7403A-UR-A Datasheet
247Kb / 5P
   ROUND LED LAMP
More results

Similar Description - MT7403A-UR-A_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT3101N-UR-A MARKTECH-MT3101N-UR-A Datasheet
195Kb / 5P
   ROUND LED LAMP
MT3118-Y-A MARKTECH-MT3118-Y-A Datasheet
249Kb / 5P
   ROUND LED LAMP
MT3301N-UY-A MARKTECH-MT3301N-UY-A Datasheet
275Kb / 5P
   ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A Datasheet
136Kb / 6P
   ROUND LED LAMP
MT3101N-UR-A MARKTECH-MT3101N-UR-A_15 Datasheet
195Kb / 5P
   ROUND LED LAMP
MT3203N-UG-A MARKTECH-MT3203N-UG-A_15 Datasheet
195Kb / 5P
   ROUND LED LAMP
MT4118-HR-A MARKTECH-MT4118-HR-A_15 Datasheet
136Kb / 6P
   ROUND LED LAMP
MT240-G-A MARKTECH-MT240-G-A_15 Datasheet
443Kb / 5P
   ROUND LED LAMP
MT3301N-UY-A MARKTECH-MT3301N-UY-A_15 Datasheet
275Kb / 5P
   ROUND LED LAMP
MT1403 MARKTECH-MT1403_15 Datasheet
181Kb / 5P
   ROUND LED LAMP
MT7315B-UR-A MARKTECH-MT7315B-UR-A Datasheet
136Kb / 6P
   ROUND LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com