Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V5.5MLN41206 Datasheet(PDF) 4 Page - Littelfuse

Part # V5.5MLN41206
Description  Multiline Transient Voltage Surge Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V5.5MLN41206 Datasheet(HTML) 4 Page - Littelfuse

  V5.5MLN41206 Datasheet HTML 1Page - Littelfuse V5.5MLN41206 Datasheet HTML 2Page - Littelfuse V5.5MLN41206 Datasheet HTML 3Page - Littelfuse V5.5MLN41206 Datasheet HTML 4Page - Littelfuse V5.5MLN41206 Datasheet HTML 5Page - Littelfuse V5.5MLN41206 Datasheet HTML 6Page - Littelfuse V5.5MLN41206 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Multiline Transient Voltage Surge Suppressor
MLN SurgeArray
Suppressor
Surface Mount Varistors
154
www .littelfuse .com
Typical Performance Curves Any Single Section (Continued)
FIGURE 7. STANDBY CURRENT AT NORMALIZEDVARISTOR VOLTAGE AND TEMPERATURE (ANY SINGLE SECTION)
FIGURE 8. CAPACITANCE vs FREQUENCY
FIGURE 9. EQUIVALENT SERIES RESISTANCE
100
10
0.1
µA1
µA1
0
µA
100
µA1mA
CURRENT (A)
-40oC
25oC
85oC
125oC
70
65
60
55
50
45
40
1GHz
100MHz
10MHz
1MHz
FREQUENCY
1000
1MHz
FREQUENCY
100
10
1
0.1
10MHz
100MHz
1GHz
10GHz
Next
Previous


Similar Part No. - V5.5MLN41206

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V5.5MLN41206 LITTELFUSE-V5.5MLN41206 Datasheet
1Mb / 7P
   MLN SurgeArray??Suppressor
V5.5MLN41206 LITTELFUSE-V5.5MLN41206 Datasheet
587Kb / 6P
   Surface Mount Multilayer Varistors (MLVs) > MLN Series
V5.5MLN41206 LITTELFUSE-V5.5MLN41206 Datasheet
587Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLN Series
More results

Similar Description - V5.5MLN41206

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AUML LITTELFUSE-AUML Datasheet
431Kb / 9P
   Multilayer Transient Voltage Surge Suppressor
logo
STMicroelectronics
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
logo
Littelfuse
V18AUMLA1206 LITTELFUSE-V18AUMLA1206_06 Datasheet
1Mb / 9P
   Multilayer Transient Voltage Surge Suppressor
logo
STMicroelectronics
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-39BRL STMICROELECTRONICS-BZW50-39BRL Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8 Datasheet
301Kb / 5P
   Surface Mount Varistors - Transient Voltage Surge Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com