Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V150CP16 Datasheet(PDF) 5 Page - Littelfuse

Part # V150CP16
Description  Tubular Metal-Oxide Varistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V150CP16 Datasheet(HTML) 5 Page - Littelfuse

  V150CP16 Datasheet HTML 1Page - Littelfuse V150CP16 Datasheet HTML 2Page - Littelfuse V150CP16 Datasheet HTML 3Page - Littelfuse V150CP16 Datasheet HTML 4Page - Littelfuse V150CP16 Datasheet HTML 5Page - Littelfuse V150CP16 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-86
FIGURE 9. CLAMPING VOLTAGE FOR V14CP22
FIGURE 10. CLAMPING VOLTAGE FOR V8CP22
Pulse Rating Curves
FIGURE 11. SURGE CURRENT RATING CURVES FOR V38CP16
FIGURE 12. SURGE CURRENT RATING CURVES FOR
V130CP16 - V150CP16
FIGURE 13. SURGE CURRENT RATING CURVES FOR
V31CP20 - V38CP20
FIGURE 14. SURGE CURRENT RATING CURVES FOR
V130CP20 - V150CP20
Transient V-I Characteristics Curves (Continued)
100
10
1
PEAK AMPERES (A)
10-3
10-2
10-1
100
101
102
103
V14CP22
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 22 GAUGE
14VM(DC) RATING
TA = -55
oC TO 125oC
100
10
1
PEAK AMPERES (A)
10-3
10-2
10-1
100
101
102
103
V8CP22
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 22 GAUGE
8VM(DC) RATING
TA = -55
oC TO 125oC
500
200
100
50
20
10
5
2
1
0.5
IMPULSE DURATION (
µs)
20
100
1,000
10,000
MODEL SIZE 16 GAUGE
V38CP16
10
102
103
104
INDEFINITE
1
2
105
106
IMPULSE DURATION (
µs)
20
100
1,000
10,000
10
102
103
1
2
104
105
106
INDEFINITE
MODEL SIZE 16 GAUGE
V130CP16 - V150CP16
1,000
500
200
100
50
20
10
5
2
1
0.5
0.2
0.1
500
200
100
50
20
10
5
2
1
0.5
IMPULSE DURATION (
µs)
20
100
1,000
10,000
MODEL SIZE 20 GAUGE
V31CP20 - V38CP20
102
103
1
2
10
104
105
106
INDEFINITE
IMPULSE DURATION (
µs)
20
100
1,000
10,000
10
103
1
2
104
105
106
MODEL SIZE 20 GAUGE
V130CP20 - V150CP20
1,000
500
200
100
50
20
10
5
2
1
0.5
0.2
0.1
102
INDEFINITE
CP Series
OBSOLETE
PART


Similar Part No. - V150CP16

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V150C12C150BF VICOR-V150C12C150BF Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150C12C150BF2 VICOR-V150C12C150BF2 Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150C12C150BF3 VICOR-V150C12C150BF3 Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
514Kb / 11P
   150V Input Micro Family DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL Datasheet
1Mb / 11P
   DC-DC Converter Module
More results

Similar Description - V150CP16

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com