Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT5470-UG Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT5470-UG
Description  OVAL LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT5470-UG Datasheet(HTML) 1 Page - Marktech Corporate

  MT5470-UG_15 Datasheet HTML 1Page - Marktech Corporate MT5470-UG_15 Datasheet HTML 2Page - Marktech Corporate MT5470-UG_15 Datasheet HTML 3Page - Marktech Corporate MT5470-UG_15 Datasheet HTML 4Page - Marktech Corporate MT5470-UG_15 Datasheet HTML 5Page - Marktech Corporate MT5470-UG_15 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
3Northway Lane North Latham,New York 12110.
Tollfree:1.800.984.5337
Phone:1.518.956.2980
Fax:1.518.785.4725
Http://www.marktechopto.com
SPECIFICATION
PART NO. : MT5470-UG
5.2×4.6mm OVAL LED LAMP
OBSERVE PRECAUTION
FOR HANDLING
ELECTRO STATIC
SENSITIVE
DEVICES
ATTENTION


Similar Part No. - MT5470-UG_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5470-UG MARKTECH-MT5470-UG Datasheet
171Kb / 6P
   5.2횞4.6mm OVAL LED LAMP
MT5470-UG MARKTECH-MT5470-UG Datasheet
171Kb / 6P
   OVAL LED LAMP
More results

Similar Description - MT5470-UG_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5470A-LWT MARKTECH-MT5470A-LWT_15 Datasheet
247Kb / 6P
   OVAL LED LAMP
logo
Bright View Electronic ...
BVU-559QT9 BVLED-BVU-559QT9 Datasheet
252Kb / 3P
   OVAL LED LAMP
BVU-439BA9 BVLED-BVU-439BA9 Datasheet
327Kb / 5P
   OVAL LED LAMP
BVU-439TT9 BVLED-BVU-439TT9 Datasheet
254Kb / 3P
   OVAL LED LAMP
BVU-529GN8 BVLED-BVU-529GN8 Datasheet
327Kb / 5P
   OVAL LED LAMP
logo
SunLED Corporation
LMDG08W SUNLED-LMDG08W Datasheet
183Kb / 4P
   OVAL LED LAMP
logo
Marktech Corporate
MT5470-BL MARKTECH-MT5470-BL Datasheet
182Kb / 6P
   OVAL LED LAMP
MT5470D-UY MARKTECH-MT5470D-UY Datasheet
415Kb / 6P
   OVAL LED LAMP
logo
Bright View Electronic ...
BVU-559TT9 BVLED-BVU-559TT9 Datasheet
253Kb / 3P
   OVAL LED LAMP
logo
SunLED Corporation
LM2BG08W SUNLED-LM2BG08W Datasheet
184Kb / 4P
   OVAL LED LAMP
logo
Bright View Electronic ...
BVU-359BA9 BVLED-BVU-359BA9 Datasheet
326Kb / 5P
   OVAL LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com