Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT5470A-LWT Datasheet(PDF) 6 Page - Marktech Corporate

Part # MT5470A-LWT
Description  OVAL LED LAMP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT5470A-LWT Datasheet(HTML) 6 Page - Marktech Corporate

  MT5470A-LWT_15 Datasheet HTML 1Page - Marktech Corporate MT5470A-LWT_15 Datasheet HTML 2Page - Marktech Corporate MT5470A-LWT_15 Datasheet HTML 3Page - Marktech Corporate MT5470A-LWT_15 Datasheet HTML 4Page - Marktech Corporate MT5470A-LWT_15 Datasheet HTML 5Page - Marktech Corporate MT5470A-LWT_15 Datasheet HTML 6Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MT5470A-LWT
5.2×4.6mm OVAL LED
LAMP
VER.: 01 Date: 2008/03/12 Page: 5/5
Precautions:
TAKE NOTE OF THE FOLLOWING IN USE OF LED
1.
Temperature in use
Since the light generated inside the LED needs to be emitted to outside efficiently, a resin with
high light transparency is used; therefore, additives to improve the heat resistance or moisture
resistance (silica gel , etc) which are used for semiconductor products such as transistors
cannot be added to the resin.
Consequently, the heat resistant ability of the resin used for LED is usually low; therefore,
please be careful on the following during use.
Avoid applying external force, stress, and excessive vibration to the resins and terminals at
h igh temperature. The glass transition temperature of epoxy resin used for the LED is
approximately 120-130℃.
At a temperature exceeding this limit, the coefficient of liner expansion of the resin doubles or
more compared to that at normal temperature and the resin is softened.
If external force or stress is applied at that time, it may cause a wire rupture.
2. Soldering
Please be careful on the following at soldering.
After soldering, avoided applying external force, stress, and excessive vibration until the
products go to cooling process (normal temperature), <Same for products with terminal leads>
(1)
Soldering measurements:
Distance between melted solder side to bottom of resin shall be 1.6mm or longer.
(2)
Dip soldering :
Pre-heat: 90℃ max. (Backside of PCB), Within 60 seconds.
Solder bath: 260± 5℃ (Solder temperature), Within 5 seconds.
(3) H and soldering: 350℃ max. (Temperature of soldering iron tip), Within 3 seconds.
3. Insertion
Pitch of the LED leads and pitch of mounting holes need to be same.
4. Others
Since the heat resistant ability of the LED resin is low, SMD components are used on the same
PCB, please mount the LED after adhesive baking process for SMD components. In case
adhesive baking is done after LED lamp insertion due to a production process reason, make
s ure not to apply external force, stress, and excessive vibration to the LED and follow the
con ditions below.
Ba king temperature: 120℃ max. Bak ing time: Within 60 seconds.
If soldering is done sequentially after the adhesive baking, please perform the soldering after cooling down
the LED to normal temperature.


Similar Part No. - MT5470A-LWT_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT5470A-LWT MARKTECH-MT5470A-LWT Datasheet
247Kb / 6P
   OVAL LED LAMP
More results

Similar Description - MT5470A-LWT_15

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVU-559QT9 BVLED-BVU-559QT9 Datasheet
252Kb / 3P
   OVAL LED LAMP
BVU-439BA9 BVLED-BVU-439BA9 Datasheet
327Kb / 5P
   OVAL LED LAMP
BVU-439TT9 BVLED-BVU-439TT9 Datasheet
254Kb / 3P
   OVAL LED LAMP
BVU-529GN8 BVLED-BVU-529GN8 Datasheet
327Kb / 5P
   OVAL LED LAMP
logo
SunLED Corporation
LMDG08W SUNLED-LMDG08W Datasheet
183Kb / 4P
   OVAL LED LAMP
logo
Marktech Corporate
MT5470-BL MARKTECH-MT5470-BL Datasheet
182Kb / 6P
   OVAL LED LAMP
MT5470D-UY MARKTECH-MT5470D-UY Datasheet
415Kb / 6P
   OVAL LED LAMP
logo
Bright View Electronic ...
BVU-559TT9 BVLED-BVU-559TT9 Datasheet
253Kb / 3P
   OVAL LED LAMP
logo
SunLED Corporation
LM2BG08W SUNLED-LM2BG08W Datasheet
184Kb / 4P
   OVAL LED LAMP
logo
Bright View Electronic ...
BVU-359BA9 BVLED-BVU-359BA9 Datasheet
326Kb / 5P
   OVAL LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com