Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT3700N3-UV Datasheet(PDF) 1 Page - Marktech Corporate

Part # MT3700N3-UV
Description  UV Emitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT3700N3-UV Datasheet(HTML) 1 Page - Marktech Corporate

  MT3700N3-UV_15 Datasheet HTML 1Page - Marktech Corporate MT3700N3-UV_15 Datasheet HTML 2Page - Marktech Corporate MT3700N3-UV_15 Datasheet HTML 3Page - Marktech Corporate MT3700N3-UV_15 Datasheet HTML 4Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current (DC)
IF
15
mA
Forward Current (Pulse)*1
IFP
30
mA
Reverse Voltage
VR
5
V
Power Dissipation
PD
60
mW
Operating Temperature Range
Topr
-20 ~ +80
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Junction Temperature Range
Tj
100
ºC
Lead Soldering Temperature*2
Tls
260
ºC
*1: Tw=10µsec, T=10msec. *2: Time 5 Sec max, Position: up to 3mm from the body.
Peak Emission Wavelength: 370nm
The 370nm UV emitter is specifically designed for applications requiring high power output and accuracy in
a dome lensed metal package. Custom package solutions and sorting are available.
FEATURES
> High Output Power
> Metal Can Domed
> High Reliability / Precise Die Center
> Narrow Beam Angle
APPLICATIONS
> Currency Validation
> UV Curing / Bar-code Reader
> Counterfeit Detection
> Medical Phototherapy
Electrical & Optical Characteristics (Ta = 25ºC)
ITEMS
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Output
PO
IF=10mA
--
1.0
--
mW
Forward Voltage
VF
IF=10mA
--
3.8
--
V
Reverse Current
IR
VR=5V
--
--
80
mA
Peak Emission Wavelength
λp
IF=10mA
--
370
--
nm
Spectral Line Half Width
λ
IF=10mA
--
15
--
nm
Half Intensity Beam Angle
Ө
IF=10mA
--
±5
--
deg
UV Emitter
Product No:
MT3700N3-UV
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2014-01-22


Similar Part No. - MT3700N3-UV_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT3700N3-UV MARKTECH-MT3700N3-UV Datasheet
541Kb / 3P
   Peak Emission Wavelength: 370nm
MT3700N3-UV MARKTECH-MT3700N3-UV Datasheet
695Kb / 4P
   UV Emitter
More results

Similar Description - MT3700N3-UV_15

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT3650W3-UV MARKTECH-MT3650W3-UV Datasheet
763Kb / 4P
   UV Emitter
MT3700W3-UV MARKTECH-MT3700W3-UV Datasheet
763Kb / 4P
   UV Emitter
MT3700N3-UV MARKTECH-MT3700N3-UV Datasheet
695Kb / 4P
   UV Emitter
MT3650N3-UV MARKTECH-MT3650N3-UV_15 Datasheet
699Kb / 4P
   UV Emitter
MT3650W3-UV MARKTECH-MT3650W3-UV_15 Datasheet
763Kb / 4P
   UV Emitter
MT3650N3-UV MARKTECH-MT3650N3-UV Datasheet
699Kb / 4P
   UV Emitter
MT3700W3-UV MARKTECH-MT3700W3-UV_15 Datasheet
763Kb / 4P
   UV Emitter
MT3700P-UV MARKTECH-MT3700P-UV Datasheet
55Kb / 2P
   Metal Can UV Emitter
logo
Roithner LaserTechnik G...
VL440-EMITTER ROITHNER-VL440-EMITTER Datasheet
271Kb / 4P
   High Power UV LED, Emitter
VL400-EMITTER ROITHNER-VL400-EMITTER Datasheet
267Kb / 4P
   High Power UV LED, Emitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com