Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFFS030CC Datasheet(PDF) 1 Page - Littelfuse

Part # LFFS030CC
Description  Disconnect Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LFFS030CC Datasheet(HTML) 1 Page - Littelfuse

  LFFS030CC Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
123
SPECIFICATIONS
Voltage: 600VAC
Interrupting Rating: 10,000 amperes
Required Screw Torque: 16 inch pounds
Ampere Rating: LFFS030CC: 30 Amperes
LFDS040:
40 Amperes
LFDS060:
60 Amperes
Approvals: UL Listed (File No. E166081)
CSA Certified
Terminals: Accepts wire size through 8AWG
Disconnect Switches
Fusible/Non-fusible
LFCB001 Add-on Contact Block (N. O.)
LFCB002 Add-on Contact Block (N. C.)
LFPP001 Add-on Power Pole (N. O.)
LFPP002 Add-on Power Pole (N. C.)
LFTC001
Terminal Cover
(1 Pair)
ORDERING INFORMATION
Part Number
LFFS030 CC
30A fusible switch with integrated
Class CC fuse holder
LFDS040
40A non-fusible switch
LFDS060
60A non-fusible switch
See below for Handles and Accessories (sold separately)
LFRH001*
Red Handle
LFRK001*
Red Knob
LFBH001*
Black Handle
LFBK001*
Black Knob
LFBK002**
Black Knob
SHFT002
Shaft (19.68")
SHFT003
Shaft (11.81")
SHFT005
Shaft (7.78")
* Includes mounting hardware and standard length shaft
for enclosures 3.5" through 8" deep.
**Supplied with 2" shaft
FEATURES/BENEFITS
s
Reduce panel costs — This is the smallest 30A discon-
nect switch and fuse block on the market. This minimizes
panel space, reducing enclosure costs.
s
Minimize wiring time — Integral Class CC block elimi-
nates the need to install separate fuse blocks (LFFS only).
s
Reduce installation costs — Panel-mount or integral DIN
rail adapter allows quick and easy mounting.
s
Protect personnel — Dead Front design eliminates
contact with live parts. Optional terminal covers add extra
degree of protection for personnel.
s
Expandable — Optional auxiliary contact blocks and
power poles quickly attach for up to 6 poles per switch.
s
Optional shafts available for enclosures 3.5" through
20" deep.
s
Lockout style available to meet OSHA Standard for
control of hazardous energy sources (LFRK001 only).
s
Operator handles meet IP65.
The LFFS series fusible switches eliminate the need for a
separate fuse block by integrating a three pole fuse holder
into the switch body. This saves precious panel space and
reduces wiring time. These rod-operated devices are UL
Listed and CSA Certified.
The LFDS series disconnect switches can be used with
external fuse blocks, permitting the use of RK1, RK5,
Class J and Class CC fuses.
APPLICATIONS
Littelfuse disconnect switches are perfect for use where the
National Electrical Code requires that a separate disconnect
means be located within sight of all motor loads. Commonly
used as a main switch or distribution switches, these units
are also ideal for use as safety switches for air conditioners,
pumps and compressors.
Accessories


Similar Part No. - LFFS030CC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFFS030CC LITTELFUSE-LFFS030CC Datasheet
137Kb / 1P
   Disconnect Switches
2005
More results

Similar Description - LFFS030CC

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LFTC0001X LITTELFUSE-LFTC0001X Datasheet
137Kb / 1P
   Disconnect Switches
2005
logo
Cooper Bussmann, Inc.
RDF30CC-3N COOPER-RDF30CC-3N Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3N-COMP COOPER-RDF30J-3N-COMP Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30CC-3 COOPER-RDF30CC-3 Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
RDF30J-3-COMP COOPER-RDF30J-3-COMP Datasheet
1Mb / 2P
   UL489 FUSIBLE DISCONNECT SWITCHES
logo
List of Unclassifed Man...
OT16F3 ETC2-OT16F3 Datasheet
735Kb / 8P
   Disconnect switches Non-fusible Fusible
VCFN12GE ETC2-VCFN12GE Datasheet
651Kb / 4P
   UL 508 Motor Disconnect Switches
logo
Littelfuse
2484 LITTELFUSE-2484 Datasheet
362Kb / 1P
   2484 SERIES BATTERY DISCONNECT SWITCHES
2021 Rev: 020821-B
M-284 LITTELFUSE-M-284 Datasheet
442Kb / 1P
   M-284 SERIES BATTERY DISCONNECT SWITCHES
2019 Rev: 032019
75908 LITTELFUSE-75908 Datasheet
407Kb / 1P
   75908 SERIES SINGLE POLE BATTERY DISCONNECT SWITCHES
2019 Rev: 010719
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com