Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V130CP22 Datasheet(PDF) 2 Page - Littelfuse

Part # V130CP22
Description  Tubular Metal-Oxide Varistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V130CP22 Datasheet(HTML) 2 Page - Littelfuse

  V130CP22 Datasheet HTML 1Page - Littelfuse V130CP22 Datasheet HTML 2Page - Littelfuse V130CP22 Datasheet HTML 3Page - Littelfuse V130CP22 Datasheet HTML 4Page - Littelfuse V130CP22 Datasheet HTML 5Page - Littelfuse V130CP22 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-83
Absolute Maximum Ratings For ratings of individual members of a series, see Device Ratings and Specifications chart
CP SERIES
UNITS
Continuous:
Steady State Applied Voltage:
AC Voltage Range (VM(AC)RMS) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Voltage Range (VM(DC)) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6 to 150
8 to 150
V
V
Transient:
Peak Pulse Current (ITM)
For 8/20
µs Current Wave (See Figure 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Single Pulse Energy Range
For 10/1000
µs Current Wave (WTM) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
250 to 500
1.5 to 5
A
J
Operating Ambient Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-55 to 125
oC
Storage Temperature Range (TSTG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-55 to 150
oC
Temperature Coefficient (
αV) of Clamping Voltage (VC) at Specified Test Current . . . . . . . . . . . . . . . . . .
<0.01
%/oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Device Ratings and Specifications
MODEL
NUMBER
PART
SIZE
MAXIMUM RATINGS (125oC)
SPECIFICATIONS (25oC)
CONTINUOUS
TRANSIENT
VARISTOR VOLTAGE AT
1mA DC TEST CURRENT
MAX. CLAMPING
VOLTAGE VC AT
TEST CURRENT
(8/20
µs)
CAPACI-
TANCE AT
f = 1MHz
VRMS
VDC
ENERGY
(10/1000
µs)
PEAK
CURRENT
(8/20
µs)
VM(AC)
VM(DC)
WTM
ITM
MIN
VN(DC)
MAX
VC
IP
MIN
MAX
(V)
(V)
(J)
(A)
(V)
(V)
(V)
(V)
(A)
(pF)
(pF)
V8CP22
22B
6.0
8.0
1.5
250
12.5
16.0
19.5
34.0
10
1600
2950
V14CP22
22B
10.0
14.0
1.5
250
18.5
22.0
25.5
42.0
10
1600
2950
V31CP22
22B
25.0
31.0
1.5
250
35.0
39.0
48.0
85.0
5
450
1950
V38CP22
22B
30.0
38.0
1.5
250
42.0
47.0
58.0
100.0
5
450
1950
V130CP22
22A
130.0
130.0
2.4
300
184.0
200.0
228.0
375.0
5
150
350
V150CP22
22A
150.0
150.0
2.4
300
212.0
240.0
268.0
430.0
5
100
300
V31CP20
20B
25.0
31.0
2.0
300
35.0
39.0
48.0
85.0
10
700
2200
V38CP20
20B
30.0
38.0
2.0
300
42.0
47.0
58.0
100.0
10
650
1950
V130CP20
20A
130.0
130.0
3.0
400
184.0
200.0
228.0
375.0
10
150
400
V150CP20
20A
150.0
150.0
3.0
400
212.0
240.0
268.0
430.0
10
100
350
V38CP16
16A
30.0
38.0
3.0
350
42.0
47.0
58.0
100.0
20
1000
2750
V130CP16
16A
130.0
130.0
5.0
500
184.0
200.0
228.0
375.0
20
250
700
V150CP16
16A
150.0
150.0
5.0
500
212.0
240.0
268.0
430.0
20
200
650
NOTE: Average power dissipation of transients not to exceed 250mW, 300mW and 350mW for sizes 22AWG, 20AWG and 16AWG, respectively.
CP Series
OBSOLETE
PART


Similar Part No. - V130CP22

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V130LA1 LITTELFUSE-V130LA1 Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
222Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
984Kb / 11P
   Varistor Products - Line Voltage Operation, Radial Lead
V130LA1 LITTELFUSE-V130LA1 Datasheet
309Kb / 11P
   Line Voltage Operation, Radial Lead
V130LA10A LITTELFUSE-V130LA10A Datasheet
396Kb / 10P
   Line Voltage Operation, Radial Lead
More results

Similar Description - V130CP22

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com