Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCK70-120A Datasheet(PDF) 1 Page - Littelfuse

Part # CCK70-120A
Description  Fork-Lift and Stud-Mounted Fuses
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CCK70-120A Datasheet(HTML) 1 Page - Littelfuse

  CCK70-120A Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
84
Fork-Lift and Stud-Mounted Fuses
32 – 130 Volts DC s Fast-Acting and Time-Delay
SPECIFICATIONS
Voltage Ratings: CNL: 32 Volts DC
CNN: 48 Volts DC, 75 Volts AC
Interrupting Rating: 2,500 amperes
Ampere Range: 10 – 800 amperes
Recommended Fuse Block: LFFB001
AMPERE RATINGS
CNL
35
80
150
250
350
40
100
175
275
400
50
125
200
300
500
60
130
225
325
CNN
10
80
175
300
500
35
90
200
325
600
40
100
225
350
700
50
125
250
400
800
60
150
275
Example part number (series & amperage): CNN 700
SPECIFICATIONS
Voltage Ratings: CBO: 32 Volts DC
CCK: 130 Volts DC (1-100A)
72 Volts DC (120-200A)
48 Volts DC (225-300A)
CCL: 125 Volts DC
Interrupting Rating: CBO, CCK & CCL: 10,000A
Ampere Range: 1 – 300 amperes
For operating characteristics contact factory
AMPERE RATINGS
CBO
10
25
40
70
100
Fast-Acting
12
30
50
75
125
15
35
60
80
150
20
CCK
1
205090
160
Time-Delay
2
25
60
100
175
5
30
70
120
200
10
35
75
140
225
15
40
80
150
250
300
CCL
30
40
60
100
Time-Delay
35
50
80
120
Example part number (series & amperage): CCK 150
PART NO.
ABC
CCK 1-15A
2.810
2.204
.510
CCK 20-30A
3.060
2.454
.510
CCK 35-60A
3.629
.750
CCK 70-120A
4.129
3.454
1.00
CCK 140-200A
4.362
3.579
1.00
CCK 225-300A
4.612
3.829
1.00
CCL 30-60A
3.060
2.454
.510
CCL 80-120A
3.38
2.70
.75
CNL/CNN Limiter Fuses
CNL fast-acting and CNN very fast-acting fuses are recom-
mended for use on battery-operated lift-trucks and other low
voltage battery-operated equipment.
CBO fast-acting, CCK and CCL dual-element time-delay
fuses are recommended for fork-lift trucks and other similar
battery-operated equipment.
CBO/CCK/CCL Lift-Truck Fuses
.312"
1.00"
1.625"
A
B
C
3.18"
.343"
2.43"
CCK/CCL
CBO


Similar Part No. - CCK70-120A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CCK70-120A LITTELFUSE-CCK70-120A Datasheet
154Kb / 1P
   Fork-Lift and Stud-Mounted Fuses 32 - 130 Volts DC Fast Acting and Time-Delay
More results

Similar Description - CCK70-120A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CCK1-15A LITTELFUSE-CCK1-15A_05 Datasheet
154Kb / 1P
   Fork-Lift and Stud-Mounted Fuses 32 - 130 Volts DC Fast Acting and Time-Delay
logo
List of Unclassifed Man...
ACK-10 ETC1-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
logo
Eaton All Rights Reserv...
ACK-10 EATON-ACK-10 Datasheet
1Mb / 3P
   Stud-mounted fuses
logo
List of Unclassifed Man...
ALS-100 ETC1-ALS-100 Datasheet
244Kb / 2P
   Stud-mounted fuses one-time
logo
Hubbell Incorporated.
BA16EL8M HUBBELL-BA16EL8M Datasheet
259Kb / 2P
   TERMINAL-POLYVINYLCHLORIDE INSULATED, LOCKING FORK TONGUE, #8 STUD SIZE,TAPE MOUNTED
BA14EF6M HUBBELL-BA14EF6M Datasheet
259Kb / 2P
   TERMINAL-POLYVINYLCHLORIDE INSULATED, FORK TONGUE, #6 STUD, 16-14 AWG, TAPE MOUNTED
logo
New Jersey Semi-Conduct...
1N1183A NJSEMI-1N1183A Datasheet
147Kb / 1P
   STUD MOUNTED POWER RECTIFIERS
logo
List of Unclassifed Man...
1N2024 ETC2-1N2024 Datasheet
49Kb / 1P
   STUD MOUNTED SIKCON POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3889 NJSEMI-1N3889 Datasheet
137Kb / 1P
   STUD MOUNTED FAST RECOVERY POWER RECTIFIERS
logo
Hubbell Incorporated.
YHSA18K10FRK HUBBELL-YHSA18K10FRK Datasheet
260Kb / 2P
   Heat Shrink Fork Tongue Terminal For 22 - 18 AWG and #10 Stud.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com