Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCX69-25-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DCX69-25-13
Description  PNP SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX69-25-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DCX69-25-13 Datasheet HTML 1Page - Diodes Incorporated DCX69-25-13 Datasheet HTML 2Page - Diodes Incorporated DCX69-25-13 Datasheet HTML 3Page - Diodes Incorporated DCX69-25-13 Datasheet HTML 4Page - Diodes Incorporated DCX69-25-13 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DCX69/-16/-25
Document number: DS31264 Rev. 6 - 2
2 of 5
www.diodes.com
April 2012
© Diodes Incorporated
DCX69/-16/-25
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-25
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-1.0
A
Peak Pulse Power
ICM
-2.0
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 4) @ TA = 25°C
PD
1
W
Thermal Resistance, Junction to Ambient Air @ TA = 25°C (Note 4)
RθJA
125
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
V(BR)CBO
-25
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-20
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5.0
V
IE = -100μA, IC = 0
Collector-Base Cutoff Current
ICBO
-100
-10
nA
μA
VCB = -25V, IE = 0
VCB = -25V, IE = 0, TA = 150°C
Emitter-Base Cutoff Current
IEBO
-100
nA
VEB = -5.0V, IC = 0
ON CHARACTERISTICS (Note 5)
DC Current Gain
DCX69, DCX69-16, DCX69-25
hFE
50
60
VCE = -10V, IC = -5.0mA
VCE = -1.0V, IC = -1.0A
DCX69
85
375
VCE = -1.0V, IC = -500mA
DCX69-16
100
250
VCE = -1.0V, IC = -500mA
DCX69-25
160
375
VCE = -1.0V, IC = -500mA
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.5
V
IC = -1.0A, IB = -100mA
Base-Emitter Turn-On Voltage
VBE(ON)
-0.7
-1.0
V
VCE = -10V, IC = -5mA
VCE = -1.0V, IC = -500mA
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
40
200
MHz
VCE = -5.0V, IC = -50mA,
f = 100MHz
Output Capacitance
Cobo
17
pF
VCB = -10V, f = 1MHz
Notes:
4. Device mounted on FR-4 PCB; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com.
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.


Similar Part No. - DCX69-25-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX69-25-13 DIODES-DCX69-25-13 Datasheet
143Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DCX69-25-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
2DB1119S DIODES-2DB1119S_15 Datasheet
201Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
2DA1797 DIODES-2DA1797 Datasheet
111Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
logo
Weitron Technology
BC808 WEITRON-BC808 Datasheet
959Kb / 4P
   PNP Transistor Surface Mount
logo
Leshan Radio Company
L2SB772Q LRC-L2SB772Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DXT2907A DIODES-DXT2907A_15 Datasheet
191Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DXT5401 DIODES-DXT5401_15 Datasheet
126Kb / 5P
   PNP SURFACE MOUNT TRANSISTOR
logo
Leshan Radio Company
L2SD882Q LRC-L2SD882Q Datasheet
137Kb / 2P
   PNP SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DZT953 DIODES-DZT953 Datasheet
203Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DS30941 Rev. 5 - 2
DZTA92 DIODES-DZTA92 Datasheet
251Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
DCP51 DIODES-DCP51 Datasheet
189Kb / 4P
   PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com