Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCX68 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DCX68
Description  NPN SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX68 Datasheet(HTML) 3 Page - Diodes Incorporated

  DCX68_15 Datasheet HTML 1Page - Diodes Incorporated DCX68_15 Datasheet HTML 2Page - Diodes Incorporated DCX68_15 Datasheet HTML 3Page - Diodes Incorporated DCX68_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V , REVERSE VOLTAGE (V)
R
1
10
100
0.1
1
10
100
Fig. 8 Typical Gain-Bandwidth Product vs. Collector Current
V
= 5V
f = 100MHz
CE
Ordering Information (Note 5)
Device
Packaging
Shipping
DCX68-13
SOT89-3L
2500/Tape & Reel
DCX68-25-13
SOT89-3L
2500/Tape & Reel
Notes:
5.
For packaging details, go to our website at http://www.diodes.com/ap02007.pdf.
Marking Information
xxx
YWW
(Top View)
xxx = Product Type Marking Code:
N12 = DCX68
N12-25 = DCX68-25
YWW = Date Code Marking
Y = Last digit of year ex: 7 = 2007
WW = Week code 01 - 52
Package Outline Dimensions
SOT89-3L
Dim
Min
Max
Typ
A
1.40
1.60
1.50
B
0.45
0.55
0.50
B1
0.37
0.47
0.42
C
0.35
0.43
0.38
D
4.40
4.60
4.50
D1
1.50
1.70
1.60
E
2.40
2.60
2.50
e
1.50
H
3.95
4.25
4.10
L
0.90
1.20
1.05
All Dimensions in mm
e
D
H
L
A
C
E
(4X
)
B1
B
D1
R
0.
20
0
DS31163 Rev. 4 - 2
3 of 4
www.diodes.com
DCX68/-25
© Diodes Incorporated


Similar Part No. - DCX68_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX68-13 DIODES-DCX68-13 Datasheet
194Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results

Similar Description - DCX68_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCP68 DIODES-DCP68_15 Datasheet
197Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD2150R DIODES-2DD2150R Datasheet
153Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXT3150 DIODES-DXT3150 Datasheet
206Kb / 3P
   NPN SURFACE MOUNT TRANSISTOR
DCX54 DIODES-DCX54 Datasheet
229Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT2222A DIODES-DZT2222A_15 Datasheet
242Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT3150 DIODES-DZT3150 Datasheet
233Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DS30785 Rev. 3 - 2
DCP56 DIODES-DCP56 Datasheet
203Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DZT491 DIODES-DZT491 Datasheet
259Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
DXTA42 DIODES-DXTA42 Datasheet
155Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
2DD1621T DIODES-2DD1621T Datasheet
211Kb / 4P
   NPN SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com