Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSZL52C30 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSZL52C30
Description  SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSZL52C30 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSZL52C30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PART NO.
Note 2: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Min
Typ
Max
Min
Typ
Max
L
2.4
-
2.6
0.094
-
0.102
W
1.1
-
1.3
0.043
-
0.051
T
0.7
-
0.9
0.028
-
0.035
C
-
0.5
-
-
0.020
-
D
-
1.0
-
-
0.039
-
Document Number: DS_S1412001
Version: D14
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
TSZL52Cxxx
(Note1)
G
1005
RW
4K / 7" Reel
PREFERRED P/N
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
TSZL52C2V4 thru TSZL52C39
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PART NO.
SUFFIX (Note 2)
DIM.
Unit (mm)
Unit (inch)
1005
PACKAGE OUTLINE DIMENSION
Define manufacture
source
Green compound
G
RW
-F0
TSZL52C39
-xx
TSZL52C39-F0 RWG
Multiple manufacture
source
Green compound
G
RW
TSZL52C39
TSZL52C39 RWG
Note 1: "xxx" defines voltage from 2.4V (TSZL52C2V4) to 39V (TSZL52C39)
EXAMPLE


Similar Part No. - TSZL52C30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZL52C30 TSC-TSZL52C30 Datasheet
77Kb / 4P
   200mW SMD Zener Diode
More results

Similar Description - TSZL52C30

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com