Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSZL52C30 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSZL52C30
Description  SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSZL52C30 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSZL52C30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSZL52C30 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Small Signal Product
Document Number: DS_S1412001
Version: D14
TSZL52C2V4 thru TSZL52C39
Taiwan Semiconductor
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
150
Temperature (oC)
Fig. 9 Steady State Power Derating
0.01
0.10
1.00
10.00
100.00
1
10
100
Zener Voltage (V)
Fig. 8 Zener Voltage vs. Zener Currnt
0.01
0.10
1.00
10.00
100.00
02
468
10
12
Zener Voltage (V)
Fig. 7 Zener Voltag VS. Zener Current


Similar Part No. - TSZL52C30

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSZL52C30 TSC-TSZL52C30 Datasheet
77Kb / 4P
   200mW SMD Zener Diode
More results

Similar Description - TSZL52C30

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACZRV5223B-HF COMCHIP-ACZRV5223B-HF Datasheet
132Kb / 5P
   SMD Zener Diode
CZRB3005-G COMCHIP-CZRB3005-G Datasheet
92Kb / 6P
   SMD Zener Diode
CZRC5340B-G COMCHIP-CZRC5340B-G Datasheet
130Kb / 6P
   SMD Zener Diode
CZRA4731B-HF COMCHIP-CZRA4731B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4733B-HF COMCHIP-CZRA4733B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4746B-HF COMCHIP-CZRA4746B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4749B-HF COMCHIP-CZRA4749B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4754B-HF COMCHIP-CZRA4754B-HF Datasheet
109Kb / 5P
   SMD Zener Diode
CZRA4755-G COMCHIP-CZRA4755-G Datasheet
277Kb / 6P
   SMD Zener Diode
logo
Formosa MS
MMSZ5221BS-FL FORMOSA-MMSZ5221BS-FL Datasheet
194Kb / 9P
   SMD Zener Diode
logo
Comchip Technology
CZRB5366B-HF COMCHIP-CZRB5366B-HF Datasheet
125Kb / 6P
   SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com