Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM9933DCSRL Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM9933DCSRL
Description  -20V P-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM9933DCSRL Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM9933DCSRL Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM9933DCSRL Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM9933DCSRL Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM9933DCSRL Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM9933DCSRL Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM9933DCSRL Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM9933DCS
-20V P-Channel Power MOSFET
1/6
Version: D14
SOP-8
Key Parameter Performance
Parameter
Value
Unit
VDS
-20
V
RDS(on) (max)
VGS = -4.5V
60
mΩ
VGS = -2.7V
78
VGS = -2.5V
85
Qg
6
nC
Features
Advance Trench Process Technology
High Density Cell Design for Ultra Low On-resistance
Block Diagram
Dual P-Channel MOSFET
Ordering Information
Part No.
Package
Packing
TSM9933DCS RL
SOP-8
2.5kps / 13’’ Reel
TSM9933DCS RLG
SOP-8
2.5kps / 13’’ Reel
Note: “G” denotes for Halogen- and Antimony-free as those which contain
<900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds
Absolute Maximum Ratings (TA=25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±12
V
Continuous Drain Current, VGS @ 4.5V.
ID
-4.7
A
Pulsed Drain Current, VGS @ 4.5V
IDM
-20
A
Continuous Source Current (Diode Conduction)
(Note 1,2)
IS
-2.5
A
Maximum Power Dissipation
TA=25
oC
PD
2
W
TA=70
oC
1.3
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to Case Thermal Resistance
RӨJC
30
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
RӨJA
62.5
oC/W
Pin Definition:
1. Source 1
8. Drain 1
2. Gate 1
7. Drain 1
3. Source 2
6. Drain 2
4. Gate 2
5. Drain 2


Similar Part No. - TSM9933DCSRL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM9933DCSRL TSC-TSM9933DCSRL Datasheet
375Kb / 6P
   20V P-Channel MOSFET
TSM9933DCSRL TSC-TSM9933DCSRL Datasheet
521Kb / 6P
   20V P-Channel MOSFET
More results

Similar Description - TSM9933DCSRL

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT8307 ANALOGICTECH-AAT8307 Datasheet
168Kb / 6P
   20V P-Channel Power MOSFET
AAT8401 ANALOGICTECH-AAT8401 Datasheet
158Kb / 6P
   20V P-Channel Power MOSFET
AAT8515 ANALOGICTECH-AAT8515 Datasheet
79Kb / 6P
   20V P-Channel Power MOSFET
AAT8343 ANALOGICTECH-AAT8343_06 Datasheet
216Kb / 6P
   20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1480WT1G LRC-LP1480WT1G Datasheet
489Kb / 5P
   -20V P-Channel Power Mosfet
logo
Taiwan Semiconductor Co...
TSM260P02CX6 TSC-TSM260P02CX6 Datasheet
327Kb / 5P
   20V P-Channel Power MOSFET
TSM500P02CX TSC-TSM500P02CX Datasheet
400Kb / 5P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT8343 ANALOGICTECH-AAT8343 Datasheet
124Kb / 6P
   20V P-Channel Power MOSFET
logo
Leshan Radio Company
LP1488WT1G LRC-LP1488WT1G Datasheet
439Kb / 3P
   -20V P-Channel Power Mosfet
logo
Union Semiconductor, In...
UM8516 UNIONSEMI-UM8516 Datasheet
275Kb / 5P
   20V P-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT7357 ANALOGICTECH-AAT7357 Datasheet
207Kb / 6P
   20V P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com